Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMC032BFY6E Datasheet(PDF) 77 Page - STMicroelectronics

Part # SMC032BFY6E
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC032BFY6E Datasheet(HTML) 77 Page - STMicroelectronics

Back Button SMC032BFY6E Datasheet HTML 73Page - STMicroelectronics SMC032BFY6E Datasheet HTML 74Page - STMicroelectronics SMC032BFY6E Datasheet HTML 75Page - STMicroelectronics SMC032BFY6E Datasheet HTML 76Page - STMicroelectronics SMC032BFY6E Datasheet HTML 77Page - STMicroelectronics SMC032BFY6E Datasheet HTML 78Page - STMicroelectronics SMC032BFY6E Datasheet HTML 79Page - STMicroelectronics SMC032BFY6E Datasheet HTML 80Page - STMicroelectronics SMC032BFY6E Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 91 page
background image
SMCxxxBF
CF-ATA command description
77/91
10.23
Wear Level (F5h)
This command is effectively a NOP command and only implemented for backward
compatibility. The Sector Count Register will always be returned with a ‘00h’ indicating Wear
Level is not needed.
Table 77 defines the Wear Level command Byte sequence.
10.24
Write Buffer (E8h)
The Write Buffer command enables the host to overwrite contents of the Card’s sector buffer
with any data pattern desired. This command has the same protocol as the Write Sector(s)
command and transfers 512 Bytes.
Table 78 defines the Write Buffer command Byte sequence.
Table 77.
Wear level
Bit
7
6
5
4
3
2
1
0
Command (7)
F5h
C/D/H (6)
X
Drive
Flag
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
Completion Status
Feature (1)
X
Table 78.
Write Buffer
Bit
7
6
5
432
1
0
Command (7)
E8h
C/D/H (6)
X
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com