Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMC032BFY6E Datasheet(PDF) 89 Page - STMicroelectronics

Part # SMC032BFY6E
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC032BFY6E Datasheet(HTML) 89 Page - STMicroelectronics

Back Button SMC032BFY6E Datasheet HTML 83Page - STMicroelectronics SMC032BFY6E Datasheet HTML 84Page - STMicroelectronics SMC032BFY6E Datasheet HTML 85Page - STMicroelectronics SMC032BFY6E Datasheet HTML 86Page - STMicroelectronics SMC032BFY6E Datasheet HTML 87Page - STMicroelectronics SMC032BFY6E Datasheet HTML 88Page - STMicroelectronics SMC032BFY6E Datasheet HTML 89Page - STMicroelectronics SMC032BFY6E Datasheet HTML 90Page - STMicroelectronics SMC032BFY6E Datasheet HTML 91Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 89 / 91 page
background image
SMCxxxBF
Part numbering
89/91
13
Part numbering
Note:
Other digits may be added to the ordering code for pre-programmed parts or other options.
Devices are shipped from the factory with the memory content bits erased to ’1’.For further
information on any aspect of the device, please contact your nearest ST Sales Office.
Table 85.
Ordering Information Scheme
Example:
SMC
01G
B
F
Y
6
E
Memory Card Standard
SMC = Storage Medium, CompactFlash
Density
032 = 32 MBytes
064 = 64 MBytes
128 = 128 MBytes
256 = 256 MBytes
512 = 512 MBytes
01G = 1 GBytes
02G = 2 GBytes
04G = 4 GBytes
Options of the Standard
B = CF Type SM222
Memory Type
F = Flash Memory
Card Version
Y= Version depending on device technology
Temperature Range
6 = -40 to 85°C
Packing
Blank = Standard Packing (tray)
E = Lead-Free Package, Standard Packing (tray)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com