Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMC032BFY6E Datasheet(PDF) 71 Page - STMicroelectronics

Part # SMC032BFY6E
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC032BFY6E Datasheet(HTML) 71 Page - STMicroelectronics

Back Button SMC032BFY6E Datasheet HTML 67Page - STMicroelectronics SMC032BFY6E Datasheet HTML 68Page - STMicroelectronics SMC032BFY6E Datasheet HTML 69Page - STMicroelectronics SMC032BFY6E Datasheet HTML 70Page - STMicroelectronics SMC032BFY6E Datasheet HTML 71Page - STMicroelectronics SMC032BFY6E Datasheet HTML 72Page - STMicroelectronics SMC032BFY6E Datasheet HTML 73Page - STMicroelectronics SMC032BFY6E Datasheet HTML 74Page - STMicroelectronics SMC032BFY6E Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 91 page
background image
SMCxxxBF
CF-ATA command description
71/91
10.15
Request Sense (03h)
This command requests extended error information for the previous command. Table 65
defines the Request Sense command Byte sequence. Table 66 defines the valid extended
error codes. The extended error code is returned to the host in the Error Register.
Table 65.
Request Sense
Bit
7
6
543
2
1
0
Command (7)
03h
C/D/H (6)
1
X
1
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
X
Feature (1)
X
Table 66.
Extended Error Codes
Extended Error Code
Description
00h
No Error Detected
01h
Self Test OK (No Error)
09h
Miscellaneous Error
21h
Invalid Address (Requested Head or Sector Invalid)
2Fh
Address Overflow (Address Too Large)
35h, 36h
Supply or generated Voltage Out of Tolerance
11h
Uncorrectable ECC Error
18h
Corrected ECC Error
05h, 30-34h, 37h, 3Eh
Self Test or Diagnostic Failed
10h, 14h
ID Not Found
3Ah
Spare Sectors Exhausted
1Fh
Data Transfer Error / Aborted Command
0Ch, 38h, 3Bh, 3Ch, 3Fh
Corrupted Media Format
03h
Write / Erase Failed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com