Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMC032BFY6E Datasheet(PDF) 48 Page - STMicroelectronics

Part # SMC032BFY6E
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC032BFY6E Datasheet(HTML) 48 Page - STMicroelectronics

Back Button SMC032BFY6E Datasheet HTML 44Page - STMicroelectronics SMC032BFY6E Datasheet HTML 45Page - STMicroelectronics SMC032BFY6E Datasheet HTML 46Page - STMicroelectronics SMC032BFY6E Datasheet HTML 47Page - STMicroelectronics SMC032BFY6E Datasheet HTML 48Page - STMicroelectronics SMC032BFY6E Datasheet HTML 49Page - STMicroelectronics SMC032BFY6E Datasheet HTML 50Page - STMicroelectronics SMC032BFY6E Datasheet HTML 51Page - STMicroelectronics SMC032BFY6E Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 91 page
background image
CF-ATA registers
SMCxxxBF
48/91
9
CF-ATA registers
The following section describes the hardware registers used by the host software to issue
commands to the Card. These registers are collectively referred to as the ‘task file’.
In accordance with the PCMCIA specification, each register that is located at an odd offset
address can be accessed in the PC Card Memory or PC Card I/O modes. The register can
be addressed in two ways:
●
Using the normal register address.
●
Using the corresponding even address (normal address -1) when -CE1 is High and -
CE2 Low, unless -IOIS16 is High (not asserted by the card) and an I/O cycle is in
progress. Register data are input or output on data bus lines D15-D8.
In True IDE mode, the size of the transfer is based solely on the register being addressed.
All registers are 8-bit only except for the Data Register, which is normally 16 bits. However,
they can be configured to be accessed in 8-bit mode for non-DMA operations, by using a
Set Features command (see Section 10.17).
9.1
Data Register
The Data register is located at address 1F0h [170h], offset 0h, 8h, and 9h.
The Data Register is a 16 bit register used to transfer data blocks between the Card data
buffer and the Host. This register overlaps the Error Register. Table 41 and Table 42
describes the combinations of Data register access and explains the overlapped Data and
Error/Feature Registers. Because of the overlapped registers, access to the 1F1h, 171h or
offset 1 are not defined for Word (–CE2 and –CE1 set to ‘0’) operations, and are treated as
accesses to the Word Data Register. The duplicated registers at offsets 8, 9 and Dh have no
restrictions on the operations that can be performed.
Table 41.
Data Register Access (Memory and I/O mode)
Data Register
–CE2
–CE1
A0
-REG(1)
Offset
Data Bus
Word Data Register
0
0
X
-
0h, 8h, 9h
D15 to D0
Even Data Register
1
0
0
-
0h, 8h
D7 to D0
Odd Data Register
1
0
1
-
9h
D7 to D0
Odd Data Register
0
1
X
-
8h, 9h
D15 to D8
Error/Feature Register
1
0
1
-
1h, Dh
D7 to D0
Error/Feature Register
0
1
X
-
1h
D15 to D8
Error/Feature Register
0
0
X
-
Dh
D15 to D8
1.
-REG signal is mode dependent. It must be Low when the Card operates in I/O Mode and High when it operates in Memory
Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com