Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L052R8T6 Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM8L052R8T6
Description  Value Line, 8-bit ultralow power MCU, 64-KB Flash,256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052R8T6 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM8L052R8T6 Datasheet HTML 67Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 68Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 69Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 70Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 71Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 72Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 73Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 74Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 109 page
background image
STM8L052R8
Electrical parameters
Doc ID023337 Rev 2
71/109
Figure 14.
Typical IDD(AH) vs. VDD (LSI clock source)
1.
No floating I/O, unless otherwise specified.
2.
RTC enabled. Clock source = LSI
3.
RTC enabled, LCD enabled with external VLCD = 3 V, static duty, division ratio = 256, all pixels active, no LCD connected.
4.
RTC enabled, LCD enabled with external VLCD, 1/4 duty, 1/3 bias, division ratio = 64, all pixels active, no LCD connected.
5.
LCD enabled with internal LCD booster VLCD = 3 V, 1/4 duty, 1/3 bias, division ratio = 64, all pixels active, no LCD
connected.
6.
Oscillator bypassed (LSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the LSE consumption
(IDD LSE) must be added. Refer to Table 29
7.
RTC enabled. Clock source = LSE
8.
Wakeup time until start of interrupt vector fetch.
The first word of interrupt routine is fetched 4 CPU cycles after tWU.
9.
ULP=0 or ULP=1 and FWU=1 in the PWR_CSR2 register.
Table 22.
Typical current consumption in Active-halt mode, RTC clocked by LSE external crystal
Symbol
Parameter
Condition(1)
Typ.
Unit
IDD(AH)
(2)
Supply current in Active-halt
mode
VDD = 1.8 V
LSE
1.2
µA
LSE/32(3)
0.9
VDD = 3 V
LSE
1.4
LSE/32(3)
1.1
VDD = 3.6 V
LSE
1.6
LSE/32(3)
1.3
1.
No floating I/O, unless otherwise specified.
2.
Based on measurements on bench with 32.768 kHz external crystal oscillator.
3.
RTC clock is LSE divided by 32.
0
0.005
0.01
0.015
0.02
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
VDD (V)
25°C
85°C
-40°C
MS19117V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com