Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L052R8T6 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM8L052R8T6
Description  Value Line, 8-bit ultralow power MCU, 64-KB Flash,256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052R8T6 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM8L052R8T6 Datasheet HTML 8Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 9Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 10Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 11Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 12Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 13Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 14Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 15Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 109 page
background image
Functional overview
STM8L052R8
12/109
Doc ID023337 Rev 2
3
Functional overview
Figure 1.
High density value line STM8L05xxx device block diagram
1.
Legend:
ADC: Analog-to-digital converter
BOR: Brownout reset
DMA: Direct memory access
I²C: Inter-integrated circuit multimaster interface
LCD: Liquid crystal display
POR/PDR: Power on reset / power down reset
RTC: Real-time clock
SPI: Serial peripheral interface
SWIM: Single wire interface module
USART: Universal synchronous asynchronous receiver transmitter
WWDG: Window watchdog
IWDG: independent watchdog
MS30323V1
Clock
controller
and CSS
Clocks
64-Kbyte
4-Kbyte RAM
to core and
peripherals
IWDG
(38 kHz clock)
Port A
Port B
Port C
Power
VOLT. REG.
LCD driver
WWDG
256 bytes
Port D
Port E
Beeper
RTC
Program memory
Data EEPROM
@VDD
VDD18
VDD=1.8 V
VSS
SWIM
SCL, SDA,
SPI1_MOSI, SPI1_MISO,
SPI1_SCK, SPI1_NSS
USART1_RX, USART1_TX,
USART1_CK
ADC1_INx
V
DDA,
V
SSA
SMB
@V
DDA
/V
SSA
12-bit ADC1
V
REF+
3.6 V
NRST
PA[7:0]
PB[7:0]
PC[7:0]
PD[7:0]
PE[7:0]
PF[7:0]
BEEP
ALARM, CALIB,
TAMP1/2/3
SEGx, COMx
POR/PDR
OSC_IN,
OSC_OUT
OSC32_IN,
OSC32_OUT
to
BOR
PVD
PVD_IN
RESET
DMA1 (4 channels)
3 channels
2 channels
2 channels
V
LCD
= 2.5 to 3.6 V
LCD booster
Internal reference
voltage
VREFINT out
IR_TIM
1-16 MHz oscillator
16 MHz internal RC
32 kHz oscillator
STM8 Core
16-bit Timer 1
16-bit Timer 2
38 kHz internal RC
Interrupt controller
16-bit Timer 3
Debug module
(SWIM)
8-bit Timer 4
Infrared interface
SPI1
I²C1
USART1
V
REF-
Port F
16-bit Timer 5
2 channels
SPI2
SPI2_MOSI, SPI2_MISO,
SPI2_SCK, SPI2_NSS
USART2_RX, USART2_TX,
USART2_CK
USART2
USART3_RX, USART3_TX,
USART3_CK
USART3
PG[7:0]
Port G
up to
up to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com