Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L052R8T6 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM8L052R8T6
Description  Value Line, 8-bit ultralow power MCU, 64-KB Flash,256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052R8T6 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM8L052R8T6 Datasheet HTML 14Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 15Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 16Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 17Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 18Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 19Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 20Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 21Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 109 page
background image
Functional overview
STM8L052R8
18/109
Doc ID023337 Rev 2
3.6
LCD (Liquid crystal display)
The LCD is only available on STM8L052xx devices.
The liquid crystal display drives up to 8 common terminals and up to 24 segment terminals
to drive up to 192 pixels. It can also be configured to drive up to 4 common and 28 segments
(up to 112 pixels).
●
Internal step-up converter to guarantee contrast control whatever VDD.
●
Static 1/2, 1/3, 1/4, 1/8 duty supported.
●
Static 1/2, 1/3, 1/4 bias supported.
●
Phase inversion to reduce power consumption and EMI.
●
Up to 8 pixels which can be programmed to blink.
●
The LCD controller can operate in Halt mode.
Note:
Unnecessary segments and common pins can be used as general I/O pins.
3.7
Memories
The high density value line STM8L05xxx devices have the following main features:
●
4 Kbytes of RAM
●
The non-volatile memory is divided into three arrays:
–
64 Kbytes of high density embedded Flash program memory
–
256 bytes of data EEPROM
–Option bytes
The EEPROM embeds the error correction code (ECC) feature. It supports the read-while-
write (RWW): it is possible to execute the code from the program matrix while
programming/erasing the data matrix.
The option byte protects part of the Flash program memory from write and readout piracy.
3.8
DMA
A 4-channel direct memory access controller (DMA1) offers a memory-to-memory and
peripherals-from/to-memory transfer capability. The 4 channels are shared between the
following IPs with DMA capability: ADC1, I2C1, SPI1, SPI 2, USART1, USART2, USART3
and the five timers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com