Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DJIXP972MLAA4 Datasheet(PDF) 64 Page - Intel Corporation

Part # DJIXP972MLAA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXP972MLAA4 Datasheet(HTML) 64 Page - Intel Corporation

Back Button DJIXP972MLAA4 Datasheet HTML 60Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 61Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 62Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 63Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 64Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 65Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 66Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 67Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
64
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
Table 27 lists the 100BASE-TX characteristics.
Table 28 lists the 10BASE-T characteristics.
Table 29 lists the 10BASE-T link integrity timing characteristics.
Table 27. 100BASE-TX Transceiver Characteristics
Parameter
Symbol
Min
Typ
1
Max
Units
Test Conditions
Peak differential output voltage
VP
0.95
–
1.05
V
Note 2
Signal amplitude symmetry
Vss
98
–
102
%
Note 2
Signal rise/fall time
TRF
3.0
–
5.0
ns
Note 2
Rise/fall time symmetry
TRFS
–
–
0.5
ns
Note 2
Duty cycle distortion
DCD
35
50
65
%
Offset from 16 ns pulse
width at 50% of pulse
peak
Overshoot/Undershoot
VOS
––
5
%
–
Jitter (measured differentially)
–
–
–
1.4
ns
–
1. Typical values are at 25 °C and are for design aid only, not guaranteed, and not subject to production
testing.
2. Measured at the line side of the transformer, line replaced by 100
Ω(+/-1%) resistor.
Table 28. 10BASE-T Transceiver Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Transmitter
Peak differential output
voltage
VOP
2.2
2.5
2.8
V
With transformer, line
replaced by 100
Ω
resistor
Transition timing jitter added
by the MAU and PLS
sections
–0
2
11
ns
After line model
specified by IEEE
802.3 for 10BASE-T
MAU
Receiver
Receive Input Impedance
ZIN
––
22
k
Ω
–
Differential Squelch
Threshold
VDS
300
420
585
mV
–
Table 29. 10BASE-T Link Integrity Timing Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Time Link Loss Receive
TLL
50
–
150
ms
–
Link Pulse
TLP
2
–
7
Link Pulses
–
Link Min Receive Timer
TLR MIN
2–
7
ms
–
Link Max Receive Timer
TLR MAX
50
–
150
ms
–
Link Transmit Period
Tlt
8
–
24
ms
–
Link Pulse Width
Tlpw
60
–
150
ns
–
1. Typical values are at 25 °C and are for design aid only, not guaranteed, and not subject to production
testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com