Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DJIXP972MLAA4 Datasheet(PDF) 25 Page - Intel Corporation

Part # DJIXP972MLAA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXP972MLAA4 Datasheet(HTML) 25 Page - Intel Corporation

Back Button DJIXP972MLAA4 Datasheet HTML 21Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 22Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 23Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 24Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 25Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 26Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 27Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 28Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
25
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.2.2
MII Data Interface
The LXT972M Transceiver supports a standard Media Independent Interface (MII). The MII
consists of a data interface and a management interface. The MII Data Interface passes data
between the LXT972M Transceiver and a Media Access Controller (MAC). Separate parallel buses
are provided for transmit and receive. This interface operates at either 10 Mbps or 100 Mbps. The
speed is set automatically, once the operating conditions of the network link have been determined.
For details, see Section 5.6, “MII Operation” on page 36.
Increased MII Drive Strength. A higher Media Independent Interface (MII) drive strength may
be desired in some designs to drive signals over longer PCB trace lengths, or over high-capacitive
loads, through multiple vias, or through a connector. The MII drive strength in the LXT972M
Transceiver can be increased by setting Register bit 26.11 through software control. Setting
Register bit 26.11 = 1 through the MDC/MDIO interface sets the MII pins (RXD[3:0], RX_DV,
RX_CLK, RX_ER, COL, CRS, and TX_CLK) to a higher drive strength.
5.2.3
Configuration Management Interface
The LXT972M Transceiver provides both an MDIO interface and a reduced hardware control
interface for device configuration and management.
5.2.3.1
MDIO Management Interface
MDIO management interface topics include the following:
• Section 5.2.3.1.1, “MDIO Addressing for Intel® LXT972M Transceiver”
• Section 5.2.3.1.2, “MDIO Frame Structure”
The LXT972M Transceiver supports the IEEE 802.3 MII Management Interface also known as the
Management Data Input/Output (MDIO) Interface. This interface allows upper-layer devices to
monitor and control the state of the LXT972M Transceiver. The MDIO interface consists of a
physical connection, a specific protocol that runs across the connection, and an internal set of
addressable registers.
Some registers are required and their functions are defined by the IEEE 802.3 standard. The
LXT972M Transceiver also supports additional registers for expanded functionality. The
LXT972M Transceiver supports multiple internal registers, each of which is 16 bits wide. Specific
register bits are referenced using an “X.Y” notation, where X is the register number (0-31) and Y is
the bit number (0-15).
5.2.3.1.1
MDIO Addressing for Intel® LXT972M Transceiver
The MDIO addressing protocol allows a controller to communicate with multiple LXT972M
Transceivers.As listed in Table 12, pins ADDR[1:0] determine the PHY device address that is
selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com