Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DJIXP972MLAA4 Datasheet(PDF) 89 Page - Intel Corporation

Part # DJIXP972MLAA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXP972MLAA4 Datasheet(HTML) 89 Page - Intel Corporation

Back Button DJIXP972MLAA4 Datasheet HTML 84Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 85Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 86Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 87Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 88Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 89Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 90Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 91Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 92Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
89
Document Number: 302875-005
Revision Date: 27-Oct-2005
Table 56 lists transmit control bits.
Table 56. Transmit Control Register - Address 30, Hex 1E
Bit
Name
Description
Type
2
Default
30.15:13
Reserved
Write as ‘0’. Ignore on Read.
R/W
000
30.12
Transmit Low Power
Transmit Low Power
0 = Normal transmission.
1 = Forces the transmitter into low power mode.
Also forces a zero-differential transmission.
R/W
0
30.11:10
Port Rise Time Control
1
Port Rise Time Control
00 = 3.0 ns (Default)
01 = 3.4 ns
10 = 3.9 ns
11 = 4.4 ns
R/W
00
30.9:0
Reserved
Ignore on Read.
R/W
0000000
000
1. Values are approximations and may vary outside indicated values based upon implementation loading
conditions. Not guaranteed.
2. R/W = Read/Write
3. Latch State during Reset is based on the state of hardware configuration pins at RESET_L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com