Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DJIXP972MLAA4 Datasheet(PDF) 6 Page - Intel Corporation

Part # DJIXP972MLAA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXP972MLAA4 Datasheet(HTML) 6 Page - Intel Corporation

Back Button DJIXP972MLAA4 Datasheet HTML 2Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 3Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 4Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 5Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 6Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 7Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 8Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 9Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
6
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
23
Digital I/O Characteristics (Except for MII, XI/XO, and LED/CFG Pins) .............. 62
24
Digital I/O Characteristics
1 - MII Pins .................................................................. 62
25
I/O Characteristics - REFCLK/XI and XO Pins.................................................... 63
26
I/O Characteristics - LED/CFG Pins .................................................................... 63
27
100BASE-TX Transceiver Characteristics .......................................................... 64
28
10BASE-T Transceiver Characteristics............................................................... 64
29
10BASE-T Link Integrity Timing Characteristics ................................................. 64
30
Intel
® LXT972M Transceiver 100BASE-TX Receive Timing Parameters ...........65
31
Intel
® LXT972M Transceiver 100BASE-TX Transmit Timing Parameters ......... 66
32
Intel
® LXT972M Transceiver 10BASE-T Receive Timing ................................... 67
33
Intel
® LXT972M Transceiver 10BASE-T Transmit Timing .................................. 68
34
Intel
® LXT972M Transceiver 10BASE-T Jabber and Unjabber Timing............... 69
35
Intel
® LXT972M Transceiver 10BASE-T SQE (Heartbeat) Timing ..................... 70
36
Intel
® LXT972M Transceiver Auto-Negotiation / Fast Link Pulse Timing............ 71
37
Intel
® LXT972M Transceiver MDIO Timing......................................................... 72
38
Intel
® LXT972M Transceiver Power-Up Timing .................................................. 73
39
Intel
® LXT972M Transceiver RESET_L Pulse Width and Recovery Timing ....... 74
40
Register Set for IEEE Base Registers................................................................. 75
41
Control Register - Address 0, Hex 0 ................................................................... 76
42
MII Status Register #1 - Address 1, Hex 1 .......................................................... 77
43
PHY Identification Register 1 - Address 2, Hex 2 ............................................... 78
44
PHY Identification Register 2 - Address 3, Hex 3 ............................................... 78
45
Auto-Negotiation Advertisement Register - Address 4, Hex 4 ............................ 79
46
Auto-Negotiation Link Partner Base Page Ability Register - Address 5, Hex 5... 80
47
Auto-Negotiation Expansion - Address 6, Hex 6 ................................................. 81
48
Auto-Negotiation Next Page Transmit Register - Address 7, Hex 7 ................... 82
49
Auto-Negotiation Link Partner Next Page Receive Register - Address 8, Hex 8 82
50
Register Set for Product-Specific Registers ........................................................ 83
51
Configuration Register - Address 16, Hex 10...................................................... 84
52
Status Register #2 - Address 17, Hex 11 ............................................................ 85
53
Status Change Register - Address 19, Hex 13 ................................................... 86
54
LED Configuration Register - Address 20, Hex 14.............................................. 87
55
Digital Configuration Register - Address 26, Hex 1A .......................................... 88
56
Transmit Control Register - Address 30, Hex 1E ................................................ 89
57
Product Ordering Information .............................................................................. 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com