Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DJIXP972MLAA4 Datasheet(PDF) 36 Page - Intel Corporation

Part # DJIXP972MLAA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXP972MLAA4 Datasheet(HTML) 36 Page - Intel Corporation

Back Button DJIXP972MLAA4 Datasheet HTML 32Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 33Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 34Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 35Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 36Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 37Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 38Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 39Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
36
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.6
MII Operation
This section includes the following topics:
• Section 5.6.1, “MII Clocks”
• Section 5.6.2, “Transmit Enable”
• Section 5.6.3, “Receive Data Valid”
• Section 5.6.4, “Carrier Sense”
• Section 5.6.5, “Error Signals”
• Section 5.6.6, “Collision”
• Section 5.6.7, “Loopback”
The LXT972M Transceiver implements the Media Independent Interface (MII) as defined by the
IEEE 802.3 standard. Separate channels are provided for transmitting data from the MAC to the
LXT972M Transceiver (TXD), and for passing data received from the line (RXD) to the MAC.
Each channel has its own clock, data bus, and control signals.
The following signals are used to pass received data to the MAC:
• COL
• CRS
• RX_CLK
• RX_DV
• RX_ER
• RXD[3:0]
The following signals are used to transmit data from the MAC:
• TX_CLK
• TX_EN
• TXD[3:0]
The LXT972M Transceiver supplies both clock signals as well as separate outputs for carrier sense
and collision. Data transmission across the MII is normally implemented in 4-bit-wide nibbles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com