Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DJIXP972MLAA4 Datasheet(PDF) 67 Page - Intel Corporation

Part # DJIXP972MLAA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXP972MLAA4 Datasheet(HTML) 67 Page - Intel Corporation

Back Button DJIXP972MLAA4 Datasheet HTML 63Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 64Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 65Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 66Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 67Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 68Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 69Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 70Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
67
Document Number: 302875-005
Revision Date: 27-Oct-2005
Figure 24. Intel® LXT972M Transceiver 10BASE-T Receive Timing
Table 32. Intel® LXT972M Transceiver 10BASE-T Receive Timing
Parameter
Sym
Min
Typ
1
Max
Units
2
Test Conditions
RXD, RX_DV. Setup to RX_CLK High.
t1
10
–
–
ns
–
RXD, RX_DV, RX_ER Hold from
RX_CLK High
t2
10
–
–
ns
–
TPIP/N in to RXD out (Rx latency)
t3
4.2
–
6.6
BT
–
CRS asserted to RXD, RX_DV,
RX_ER asserted
t4
5
–
32
BT
–
RXD, RX_DV, RX_ER de-asserted to
CRS de-asserted
t5
0.3
–
0.5
BT
–
TPI in to CRS asserted
t6
2
–
28
BT
–
TPI quiet to CRS de-asserted
t7
6
–
10
BT
–
TPI in to COL asserted
t8
1
–
31
BT
–
TPI quiet to COL de-asserted
t9
5
–
10
BT
–
1. Typical values are at 25 °C and are for design aid only, not guaranteed, and not subject to production
testing.
2. BT (Bit Time) is the duration of one bit as transferred to and from the MAC and is the reciprocal of the bit
rate. 10BASE-T bit time = 10-7 s or 100 ns.
RX_CLK
RXD,
RX_DV,
RX_ER
CRS
TPI
t3
t4
t2
t6
t1
t7
t5
COL
t8
t9
B3457-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com