Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F688-E/STQTP Datasheet(PDF) 110 Page - Microchip Technology

Part # PIC16F688-E/STQTP
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/STQTP Datasheet(HTML) 110 Page - Microchip Technology

Back Button PIC16F688-E/STQTP Datasheet HTML 106Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 107Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 108Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 109Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 110Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 111Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 112Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 113Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 202 page
background image
PIC16F688
DS41203D-page 108
© 2007 Microchip Technology Inc.
10.4.2.3
EUSART Synchronous Slave
Reception
The operation of the Synchronous Master and Slave
modes is identical (Section 10.4.1.5 “Synchronous
Master Reception”), with the following exceptions:
• Sleep
• CREN bit is always set, therefore the receiver is
never Idle
• SREN bit, which is a “don’t care” in Slave mode
A character may be received while in Sleep mode by
setting the CREN bit prior to entering Sleep. Once the
word is received, the RSR register will transfer the data
to the RCREG register. If the RCIE enable bit is set, the
interrupt generated will wake the device from Sleep
and execute the next instruction. If the GIE bit is also
set, the program will branch to the interrupt vector.
10.4.2.4
Synchronous Slave Reception Set-
up:
1.
Set the SYNC and SPEN bits and clear the
CSRC bit.
2.
If using interrupts, ensure that the GIE and PEIE
bits of the INTCON register are set and set the
RCIE bit.
3.
If 9-bit reception is desired, set the RX9 bit.
4.
Set the CREN bit to enable reception.
5.
The RCIF bit will be set when reception is
complete. An interrupt will be generated if the
RCIE bit was set.
6.
If 9-bit mode is enabled, retrieve the Most
Significant bit from the RX9D bit of the RCSTA
register.
7.
Retrieve the 8 Least Significant bits from the
receive FIFO by reading the RCREG register.
8.
If an overrun error occurs, clear the error by
either clearing the CREN bit of the RCSTA
register or by clearing the SPEN bit which resets
the EUSART.
TABLE 10-10: REGISTERS ASSOCIATED WITH SYNCHRONOUS SLAVE RECEPTION
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Value on
POR, BOR
Value on
all other
Resets
BAUDCTL
ABDOVF
RCIDL
—SCKP
BRG16
—
WUE
ABDEN
01-0 0-00
01-0 0-00
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 000x
0000 000x
PIE1
EEIE
ADIE
RCIE
C2IE
C1IE
OSFIE
TXIE
TMR1IE
0000 0000
0000 0000
PIR1
EEIF
ADIF
RCIF
C2IF
C1IF
OSFIF
TXIF
TMR1IF
0000 0000
0000 0000
RCREG
EUSART Receive Data Register
0000 0000
0000 0000
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
0000 000x
SPBRG
BRG7
BRG6
BRG5
BRG4
BRG3
BRG2
BRG1
BRG0
0000 0000
0000 0000
SPBRGH
BRG15
BRG14
BRG13
BRG12
BRG11
BRG10
BRG9
BRG8
0000 0000
0000 0000
TRISC
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111
--11 1111
TXREG
EUSART Transmit Data Register
0000 0000
0000 0000
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010
0000 0010
Legend:
x
= unknown, – = unimplemented read as ‘0’. Shaded cells are not used for Synchronous Slave Reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com