Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F688-E/STQTP Datasheet(PDF) 111 Page - Microchip Technology

Part # PIC16F688-E/STQTP
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/STQTP Datasheet(HTML) 111 Page - Microchip Technology

Back Button PIC16F688-E/STQTP Datasheet HTML 107Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 108Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 109Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 110Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 111Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 112Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 113Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 114Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 202 page
background image
© 2007 Microchip Technology Inc.
DS41203D-page 109
PIC16F688
11.0
SPECIAL FEATURES OF THE
CPU
The PIC16F688 has a host of features intended to
maximize system reliability, minimize cost through
elimination
of
external
components,
provide
power-saving features and offer code protection.
These features are:
• Reset
- Power-on Reset (POR)
- Power-up Timer (PWRT)
- Oscillator Start-up Timer (OST)
- Brown-out Reset (BOR)
• Interrupts
• Watchdog Timer (WDT)
• Oscillator Selection
• Sleep
• Code Protection
• ID Locations
• In-Circuit Serial Programming™
The PIC16F688 has two timers that offer necessary
delays on power-up. One is the Oscillator Start-up
Timer (OST), intended to keep the chip in Reset until
the crystal oscillator is stable. The other is the
Power-up Timer (PWRT), which provides a fixed delay
of 64 ms (nominal) on power-up only, designed to
keep the part in Reset while the power supply
stabilizes. There is also circuitry to reset the device if
a brown-out occurs, which can use the Power-up
Timer to provide at least a 64 ms Reset. With these
three functions-on-chip, most applications need no
external Reset circuitry.
The Sleep mode is designed to offer a very low-current
Power-Down mode. The user can wake-up from Sleep
through:
•External Reset
• Watchdog Timer Wake-up
• An interrupt
Several oscillator options are also made available to
allow the part to fit the application. The INTOSC option
saves system cost while the LP crystal option saves
power. A set of Configuration bits are used to select
various options (see Register 11-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com