Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F627A-E/ML Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC16F627A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F627A-E/ML Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC16F627A-E/ML Datasheet HTML 18Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 19Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 20Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 21Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 22Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 23Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 24Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 25Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 20
© 2007 Microchip Technology Inc.
TABLE 4-5:
SPECIAL FUNCTION REGISTERS SUMMARY BANK2
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Reset(1)
Details
on Page
Bank 2
100h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
28
101h
TMR0
Timer0 Module’s Register
xxxx xxxx
45
102h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
28
103h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
22
104h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
28
105h
—
Unimplemented
—
—
106h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
36
107h
—
Unimplemented
—
—
108h
—
Unimplemented
—
—
109h
—
Unimplemented
—
—
10Ah
PCLATH
—
—
—
Write Buffer for upper 5 bits of Program Counter
---0 0000
28
10Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
24
10Ch
—
Unimplemented
—
—
10Dh
—
Unimplemented
—
—
10Eh
—
Unimplemented
—
—
10Fh
—
Unimplemented
—
—
110h
—
Unimplemented
—
—
111h
—
Unimplemented
—
—
112h
—
Unimplemented
—
—
113h
—
Unimplemented
—
—
114h
—
Unimplemented
—
—
115h
—
Unimplemented
—
—
116h
—
Unimplemented
—
—
117h
—
Unimplemented
—
—
118h
—
Unimplemented
—
—
119h
—
Unimplemented
—
—
11Ah
—
Unimplemented
—
—
11Bh
—
Unimplemented
—
—
11Ch
—
Unimplemented
—
—
11Dh
—
Unimplemented
—
—
11Eh
—
Unimplemented
—
—
11Fh
—
Unimplemented
—
—
Legend:
-
= Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented.
Note
1:
For the initialization condition for registers tables, refer to Table 14-6 and Table 14-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com