Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F627A-E/ML Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC16F627A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F627A-E/ML Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC16F627A-E/ML Datasheet HTML 83Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 84Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 85Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 86Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 87Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 88Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 89Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 90Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 85
PIC16F627A/628A/648A
TABLE 12-9:
REGISTERS ASSOCIATED WITH SYNCHRONOUS MASTER TRANSMISSION
FIGURE 12-8:
SYNCHRONOUS TRANSMISSION
FIGURE 12-9:
SYNCHRONOUS TRANSMISSION (THROUGH TXEN)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on all
other Resets
0Ch
PIR1
EEIF
CMIF
RCIF
TXIF
—
CCP1IF TMR2IF
TMR1IF 0000 -000
0000 -000
18h
RCSTA
SPEN
RX9
SREN CREN
ADEN
FERR
OERR
RX9D
0000 000x
0000 000x
19h
TXREG USART Transmit Data Register
0000 0000
0000 0000
8Ch
PIE1
EEIE
CMIE
RCIE
TXIE
—
CCP1IE TMR2IE TMR1IE 0000 -000
0000 -000
98h
TXSTA
CSRC
TX9
TXEN
SYNC
—
BRGH
TRMT
TX9D
0000 -010
0000 -010
99h
SPBRG Baud Rate Generator Register
0000 0000
0000 0000
Legend:
x
= unknown, - = unimplemented, read as ‘0’. Shaded cells are not used for synchronous master transmission.
bit 0
bit 1
bit 7
Word 1
Q1Q2Q3Q4Q1Q2Q3Q4Q1Q2Q3Q4Q1Q2Q3Q4Q1Q2Q3Q4
Q3Q4 Q1Q2Q3Q4 Q1Q2Q3Q4Q1Q2Q3Q4Q1Q2Q3Q4Q1Q2Q3Q4Q1Q2Q3Q4
bit 2
bit 0
bit 1
bit 7
RB1/RX/DT pin
RB2/TX/CK pin
Write to
TXREG Reg
TXIF bit
(Interrupt Flag)
TRMT
TXEN bit
‘1’
‘1’
Word 2
TRMT bit
Write Word 1
Write Word 2
Note:
Sync Master Mode; SPBRG = 0. Continuous transmission of two 8-bit words.
RB1/RX/DT pin
RB2/TX/CK pin
Write to
TXREG Reg
TXIF bit
TRMT bit
bit 0
bit 1
bit 2
bit 6
bit 7
TXEN bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com