Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F627A-E/ML Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC16F627A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F627A-E/ML Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC16F627A-E/ML Datasheet HTML 15Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 16Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 17Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 18Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 19Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 20Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 21Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 22Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 17
PIC16F627A/628A/648A
FIGURE 4-3:
DATA MEMORY MAP OF THE PIC16F648A
Indirect addr.(1)
TMR0
PCL
STATUS
FSR
PORTA
PORTB
PCLATH
INTCON
PIR1
TMR1L
TMR1H
T1CON
TMR2
T2CON
CCPR1L
CCPR1H
CCP1CON
OPTION
PCL
STATUS
FSR
TRISA
TRISB
PCLATH
INTCON
PIE1
PCON
PR2
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
18h
19h
1Ah
1Bh
1Fh
80h
81h
82h
83h
84h
85h
86h
87h
88h
89h
8Ah
8Bh
8Ch
8Dh
8Eh
8Fh
90h
91h
92h
93h
94h
95h
96h
97h
98h
99h
9Ah
9Bh
9Ch
9Dh
9Eh
9Fh
20h
A0h
7Fh
FFh
Bank 0
Bank 1
Unimplemented data memory locations, read as ‘0’.
Note
1:
Not a physical register.
File
Address
Indirect addr.(1)
Indirect addr.(1)
PCL
STATUS
FSR
PCLATH
INTCON
PCL
STATUS
FSR
PCLATH
INTCON
100h
101h
102h
103h
104h
105h
106h
107h
108h
109h
10Ah
10Bh
10Ch
10Dh
10Eh
10Fh
180h
181h
182h
183h
184h
185h
186h
187h
188h
189h
18Ah
18Bh
18Ch
18Dh
18Eh
18Fh
17Fh
1FFh
Bank 2
Bank 3
Indirect addr.(1)
TMR0
OPTION
RCSTA
TXREG
RCREG
CMCON
TXSTA
SPBRG
VRCON
General
Purpose
Register
1EFh
1F0h
accesses
70h-7Fh
EFh
F0h
accesses
70h-7Fh
16Fh
170h
accesses
70h-7Fh
80 Bytes
EEDATA
EEADR
EECON1
EECON2(1)
General
Purpose
Register
80 Bytes
11Fh
120h
6Fh
70h
16 Bytes
PORTB
TRISB
1Ch
1Dh
1Eh
General
Purpose
Register
80 Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com