Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F627A-E/ML Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16F627A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F627A-E/ML Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16F627A-E/ML Datasheet HTML 45Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 46Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 47Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 48Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 49Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 50Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 51Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 52Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 47
PIC16F627A/628A/648A
6.3.1
SWITCHING PRESCALER
ASSIGNMENT
The prescaler assignment is fully under software
control (i.e., it can be changed “on-the-fly” during
program execution). Use the instruction sequences
shown in Example 6-1 when changing the prescaler
assignment from Timer0 to WDT, to avoid an
unintended device Reset.
EXAMPLE 6-1:
CHANGING PRESCALER
(TIMER0
→ WDT)
To change prescaler from the WDT to the Timer0
module, use the sequence shown in Example 6-2. This
precaution must be taken even if the WDT is disabled.
EXAMPLE 6-2:
CHANGING PRESCALER
(WDT
→ TIMER0)
TABLE 6-1:
REGISTERS ASSOCIATED WITH TIMER0
BCF
STATUS, RP0
;Skip if already in
;Bank 0
CLRWDT
;Clear WDT
CLRF
TMR0
;Clear TMR0 and
;Prescaler
BSF
STATUS, RP0
;Bank 1
MOVLW
'00101111’b
;These 3 lines
;(5, 6, 7)
MOVWF
OPTION_REG
;are required only
;if desired PS<2:0>
;are
CLRWDT
;000 or 001
MOVLW
'00101xxx’b
;Set Postscaler to
MOVWF
OPTION_REG
;desired WDT rate
BCF
STATUS, RP0
;Return to Bank 0
CLRWDT
;Clear WDT and
;prescaler
BSF
STATUS, RP0
MOVLW
b'xxxx0xxx’
;Select TMR0, new
;prescale value and
;clock source
MOVWF
OPTION_REG
BCF
STATUS, RP0
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
All Other
Resets
01h, 101h
TMR0
Timer0 Module Register
xxxx xxxx
uuuu uuuu
0Bh, 8Bh,
10Bh, 18Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
81h, 181h
OPTION(2)
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
85h
TRISA
TRISA7
TRISA6
TRISA5
TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 1111 1111 1111 1111
Legend:
-
= Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used for Timer0.
Note
1:
Option is referred by OPTION_REG in MPLAB® IDE Software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com