Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F627A-E/ML Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC16F627A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F627A-E/ML Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC16F627A-E/ML Datasheet HTML 42Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 43Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 44Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 45Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 46Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 47Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 48Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 49Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 44
© 2007 Microchip Technology Inc.
5.3
I/O Programming Considerations
5.3.1
BIDIRECTIONAL I/O PORTS
Any instruction that writes operates internally as a read
followed by a write operation. The BCF and BSF
instructions, for example, read the register into the
CPU, execute the bit operation and write the result
back to the register. Caution must be used when these
instructions are applied to a port with both inputs and
outputs defined. For example, a BSF operation on bit 5
of PORTB will cause all eight bits of PORTB to be read
into the CPU. Then the BSF operation takes place on
bit 5 and PORTB is written to the output latches. If
another bit of PORTB is used as a bidirectional I/O pin
(e.g., bit 0) and is defined as an input at this time, the
input signal present on the pin itself would be read into
the CPU and rewritten to the data latch of this particular
pin, overwriting the previous content. As long as the pin
stays in the Input mode, no problem occurs. However,
if bit 0 is switched into Output mode later on, the
content of the data latch may now be unknown.
Reading a port register reads the values of the port
pins. Writing to the port register writes the value to the
port latch. When using read-modify-write instructions
(ex. BCF, BSF, etc.) on a port, the value of the port pins
is read, the desired operation is done to this value, and
this value is then written to the port latch.
Example 5-2 shows the effect of two sequential read-
modify-write instructions (ex., BCF, BSF, etc.) on an
I/O port.
A pin actively outputting a Low or High should not be
driven from external devices at the same time in order
to change the level on this pin (“wired-OR”, “wired-
AND”). The resulting high output currents may damage
the chip.
EXAMPLE 5-2:
READ-MODIFY-WRITE
INSTRUCTIONS ON AN
I/O PORT
5.3.2
SUCCESSIVE OPERATIONS ON I/O
PORTS
The actual write to an I/O port happens at the end of
an instruction cycle, whereas for reading, the data
must be valid at the beginning of the instruction cycle
(Figure 5-16). Therefore, care must be exercised if a
write followed by a read operation is carried out on the
same I/O port. The sequence of instructions should be
such to allow the pin voltage to stabilize (load
dependent) before the next instruction, which causes
that file to be read into the CPU, is executed. Other-
wise, the previous state of that pin may be read into
the CPU rather than the new state. When in doubt, it
is better to separate these instructions with a NOP or
another instruction not accessing this I/O port.
FIGURE 5-16:
SUCCESSIVE I/O OPERATION
;Initial PORT settings:PORTB<7:4> Inputs
;
PORTB<3:0> Outputs
;PORTB<7:6> have external pull-up and are
;not connected to other circuitry
;
;
PORT latchPORT Pins
---------- ----------
BCF STATUS, RP0
;
BCF PORTB, 7
;01pp pppp 11pp pppp
BSF STATUS, RP0
;
BCF TRISB, 7
;10pp pppp 11pp pppp
BCF TRISB, 6
;10pp pppp 10pp pppp
;
;Note that the user may have expected the
;pin values to be 00pp pppp. The 2nd BCF
;caused RB7 to be latched as the pin value
;(High).
Q1
Q2 Q3
Q4
PC
Instruction
fetched
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4 Q1
Q2 Q3
Q4
PC + 1
PC
PC + 2
PC + 3
MOVWF
PORTB
Write to PORTB
MOVF
PORTB, W
Read to PORTB
NOP
NOP
TPD
Execute
MOVWF
PORTB
Execute
MOVF
PORTB, W
Port pin
sampled here
Execute
NOP
Note 1:
This example shows write to PORTB followed by a read from PORTB.
2:
Data setup time = (0.25 TCY - TPD) where TCY = instruction cycle and TPD = propagation delay of Q1 cycle
to output valid. Therefore, at higher clock frequencies, a write followed by a read may be problematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com