Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F627A-E/ML Datasheet(PDF) 84 Page - Microchip Technology

Part # PIC16F627A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F627A-E/ML Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC16F627A-E/ML Datasheet HTML 80Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 81Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 82Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 83Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 84Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 85Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 86Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 87Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 82
© 2007 Microchip Technology Inc.
Follow these steps when setting up an Asynchronous
Reception:
1.
TRISB<1> and TRISB<2> should both be set to
‘1’ to configure the RB1/RX/DT and RB2/TX/CK
pins as inputs. Output drive, when required, is
controlled by the peripheral circuitry.
2.
Initialize the SPBRG register for the appropriate
baud rate. If a high-speed baud rate is desired,
set bit BRGH. (Section 12.1 “USART Baud
Rate Generator (BRG)”).
3.
Enable the asynchronous serial port by clearing
bit SYNC and setting bit SPEN.
4.
If interrupts are desired, then set enable bit
RCIE.
5.
If 9-bit reception is desired, then set bit RX9.
6.
Enable the reception by setting bit CREN.
7.
Flag bit RCIF will be set when reception is
complete and an interrupt will be generated if
enable bit RCIE was set.
8.
Read the RCSTA register to get the ninth bit (if
enabled) and determine if any error occurred
during reception.
9.
Read the 8-bit received data by reading the
RCREG register.
10. If an OERR error occurred, clear the error by
clearing enable bit CREN.
TABLE 12-7:
REGISTERS ASSOCIATED WITH ASYNCHRONOUS RECEPTION
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
all other
Resets
0Ch
PIR1
EEIF
CMIF
RCIF
TXIF
—
CCP1IF TMR2IF TMR1IF 0000 -000 0000 -000
18h
RCSTA
SPEN
RX9
SREN
CREN
ADEN
FERR
OERR
RX9D
0000 000x
0000 000x
1Ah
RCREG USART Receive Data Register
0000 0000
0000 0000
8Ch
PIE1
EEIE
CMIE
RCIE
TXIE
—
CCP1IE TMR2IE TMR1IE 0000 -000 0000 -000
98h
TXSTA
CSRC
TX9
TXEN
SYNC
—
BRGH
TRMT
TX9D
0000 -010
0000 -010
99h
SPBRG Baud Rate Generator Register
0000 0000
0000 0000
Legend:
x
= unknown, - = unimplemented locations read as ‘0’. Shaded cells are not used for asynchronous reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com