Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT20E/P Datasheet(PDF) 109 Page - Microchip Technology

Part # DSPIC30F2011AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT20E/P Datasheet(HTML) 109 Page - Microchip Technology

Back Button DSPIC30F2011AT20E/P Datasheet HTML 105Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 106Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 107Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 108Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 109Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 110Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 111Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 112Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 205 page
background image
TABLE 15-1:
UART1 REGISTER MAP FOR dsPIC30F2011/2012/3012/3013
TABLE 15-2:
UART2 REGISTER MAP FOR dsPIC30F3013(1)
SFR Name Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
U1MODE
020C
UARTEN
—USIDL
—
—ALTIO
—
—
WAKE
LPBACK
ABAUD
—
—
PDSEL1 PDSEL0
STSEL 0000 0000 0000 0000
U1STA
020E
UTXISEL
—
—
—
UTXBRK
UTXEN
UTXBF
TRMT
URXISEL1 URXISEL0 ADDEN
RIDLE
PERR
FERR
OERR
URXDA 0000 0001 0001 0000
U1TXREG
0210
—
—
—
—
—
—
—
UTX8
Transmit Register
0000 000u uuuu uuuu
U1RXREG
0212
—
—
—
—
—
—
—
URX8
Receive Register
0000 0000 0000 0000
U1BRG
0214
Baud Rate Generator Prescaler
0000 0000 0000 0000
Legend:
u
= uninitialized bit
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
U2MODE
0216
UARTEN
—USIDL
—
—
ALTIO
—
—
WAKE
LPBACK
ABAUD
—
—
PDSEL1 PDSEL0
STSEL
0000 0000 0000 0000
U2STA
0218
UTXISEL
—
—
—
UTXBRK UTXEN
UTXBF
TRMT
URXISEL1 URXISEL0
ADDEN
RIDLE
PERR
FERR
OERR
URXDA 0000 0001 0001 0000
U2TXREG
021A
—
—
—
—
—
—
—
UTX8
Transmit Register
0000 000u uuuu uuuu
U2RXREG
021C
—
—
—
—
—
—
—
URX8
Receive Register
0000 0000 0000 0000
U2BRG
021E
Baud Rate Generator Prescaler
0000 0000 0000 0000
Legend:
u
= uninitialized bit
Note
1:
UART2 is not available on the dsPIC30F2011/2012/3012
2:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com