Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT20E/P Datasheet(PDF) 113 Page - Microchip Technology

Part # DSPIC30F2011AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT20E/P Datasheet(HTML) 113 Page - Microchip Technology

Back Button DSPIC30F2011AT20E/P Datasheet HTML 109Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 110Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 111Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 112Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 113Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 114Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 115Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 116Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 111
dsPIC30F2011/2012/3012/3013
16.4
Programming the Start of
Conversion Trigger
The conversion trigger will terminate acquisition and
start the requested conversions.
The SSRC<2:0> bits select the source of the conver-
sion trigger. The SSRC bits provide for up to 4 alternate
sources of conversion trigger.
When SSRC<2:0> = 000, the conversion trigger is
under software control. Clearing the SAMP bit will
cause the conversion trigger.
When SSRC<2:0> = 111 (Auto-Start mode), the con-
version trigger is under A/D clock control. The SAMC
bits select the number of A/D clocks between the start
of acquisition and the start of conversion. This provides
the fastest conversion rates on multiple channels.
SAMC must always be at least 1 clock cycle.
Other trigger sources can come from timer modules or
external interrupts.
16.5
Aborting a Conversion
Clearing the ADON bit during a conversion will abort
the current conversion and stop the sampling sequenc-
ing until the next sampling trigger. The ADCBUF will not
be updated with the partially completed A/D conversion
sample. That is, the ADCBUF will continue to contain
the value of the last completed conversion (or the last
value written to the ADCBUF register).
If the clearing of the ADON bit coincides with an auto-
start, the clearing has a higher priority and a new
conversion will not start.
After the A/D conversion is aborted, a 2 TAD wait is
required before the next sampling may be started by
setting the SAMP bit.
16.6
Selecting the ADC Conversion
Clock
The ADC conversion requires 14 TAD. The source of
the ADC conversion clock is software selected, using a
six-bit counter. There are 64 possible options for TAD.
EQUATION 16-1:
ADC CONVERSION
CLOCK
The internal RC oscillator is selected by setting the
ADRC bit.
For correct ADC conversions, the ADC conversion
clock (TAD) must be selected to ensure a minimum TAD
time of 334 nsec (for VDD = 5V). Refer to Section 20.0
“Electrical Characteristics” for minimum TAD under
other operating conditions.
Example 16-1 shows a sample calculation for the
ADCS<5:0> bits, assuming a device operating speed
of 30 MIPS.
EXAMPLE 16-1:
ADC CONVERSION
CLOCK AND SAMPLING
RATE CALCULATION
TAD = TCY * (0.5*(ADCS<5:0> + 1))
Minimum TAD = 334 nsec
ADCS<5:0> = 2
– 1
TAD
TCY
TCY = 33 .33 nsec (30 MIPS)
= 2 •
– 1
334 nsec
33.33 nsec
= 19.04
Therefore,
Set ADCS<5:0> = 19
Actual TAD =
(ADCS<5:0> + 1)
TCY
2
=
(19 + 1)
33.33 nsec
2
= 334 nsec
If SSRC<2:0> = ‘111’ and SAMC<4:0> = ‘00001’
Since,
Sampling Time = Acquisition Time + Conversion Time
= 1 TAD + 14 TAD
= 15 x 334 nsec
Therefore,
Sampling Rate =
= ~200 kHz
1
(15 x 334 nsec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com