Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT20E/P Datasheet(PDF) 116 Page - Microchip Technology

Part # DSPIC30F2011AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT20E/P Datasheet(HTML) 116 Page - Microchip Technology

Back Button DSPIC30F2011AT20E/P Datasheet HTML 112Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 113Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 114Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 115Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 116Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 117Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 118Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 119Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 114
© 2006 Microchip Technology Inc.
16.9
Module Power-Down Modes
The module has 2 internal power modes.
When the ADON bit is ‘1’, the module is in Active mode;
it is fully powered and functional.
When ADON is ‘0’, the module is in Off mode. The dig-
ital and analog portions of the circuit are disabled for
maximum current savings.
In order to return to the Active mode from Off mode, the
user must wait for the ADC circuitry to stabilize.
16.10 A/D Operation During CPU Sleep
and Idle Modes
16.10.1
A/D OPERATION DURING CPU
SLEEP MODE
When the device enters Sleep mode, all clock sources
to the module are shut down and stay at logic ‘0’.
If Sleep occurs in the middle of a conversion, the con-
version is aborted. The converter will not continue with
a partially completed conversion on exit from Sleep
mode.
Register contents are not affected by the device
entering or leaving Sleep mode.
The ADC module can operate during Sleep mode if the
A/D clock source is set to RC (ADRC = 1). When the RC
clock source is selected, the ADC module waits one
instruction cycle before starting the conversion. This
allows the SLEEP instruction to be executed which elim-
inates all digital switching noise from the conversion.
When the conversion is complete, the CONV bit will be
cleared and the result loaded into the ADCBUF register.
If the A/D interrupt is enabled, the device will wake-up
from Sleep. If the A/D interrupt is not enabled, the ADC
module will then be turned off, although the ADON bit
will remain set.
16.10.2
A/D OPERATION DURING CPU IDLE
MODE
The ADSIDL bit selects if the module will stop on Idle or
continue on Idle. If ADSIDL = 0, the module will con-
tinue operation on assertion of Idle mode. If ADSIDL =
1
, the module will stop on Idle.
16.11 Effects of a Reset
A device Reset forces all registers to their Reset state.
This forces the ADC module to be turned off, and any
conversion and sampling sequence is aborted. The val-
ues that are in the ADCBUF registers are not modified.
The A/D Result register will contain unknown data after
a Power-on Reset.
16.12 Output Formats
The A/D result is 12 bits wide. The data buffer RAM is
also 12 bits wide. The 12-bit data can be read in one of
four different formats. The FORM<1:0> bits select the
format. Each of the output formats translates to a 16-bit
result on the data bus.
FIGURE 16-4:
A/D OUTPUT DATA FORMATS
RAM Contents:
d11 d10 d09 d08 d07 d06 d05 d04 d03 d02 d01 d00
Read to Bus:
Signed Fractional
d11 d10 d09 d08 d07 d06 d05 d04 d03 d02 d01 d00
0000
Fractional
d11 d10 d09 d08 d07 d06 d05 d04 d03 d02 d01 d00
0000
Signed Integer
d11 d11 d11 d11 d11 d10 d09 d08 d07 d06 d05 d04 d03 d02 d01 d00
Integer
0000
d11 d10 d09 d08 d07 d06 d05 d04 d03 d02 d01 d00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com