Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT20E/P Datasheet(PDF) 119 Page - Microchip Technology

Part # DSPIC30F2011AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT20E/P Datasheet(HTML) 119 Page - Microchip Technology

Back Button DSPIC30F2011AT20E/P Datasheet HTML 115Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 116Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 117Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 118Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 119Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 120Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 121Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 122Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 205 page
background image
TABLE 16-3:
A/D CONVERTER REGISTER MAP FOR dsPIC30F2012/3013
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
ADCBUF0
0280
—
—
—
—
ADC Data Buffer 0
0000 uuuu uuuu uuuu
ADCBUF1
0282
—
—
—
—
ADC Data Buffer 1
0000 uuuu uuuu uuuu
ADCBUF2
0284
—
—
—
—
ADC Data Buffer 2
0000 uuuu uuuu uuuu
ADCBUF3
0286
—
—
—
—
ADC Data Buffer 3
0000 uuuu uuuu uuuu
ADCBUF4
0288
—
—
—
—
ADC Data Buffer 4
0000 uuuu uuuu uuuu
ADCBUF5
028A
—
—
—
—
ADC Data Buffer 5
0000 uuuu uuuu uuuu
ADCBUF6
028C
—
—
—
—
ADC Data Buffer 6
0000 uuuu uuuu uuuu
ADCBUF7
028E
—
—
—
—
ADC Data Buffer 7
0000 uuuu uuuu uuuu
ADCBUF8
0290
—
—
—
—
ADC Data Buffer 8
0000 uuuu uuuu uuuu
ADCBUF9
0292
—
—
—
—
ADC Data Buffer 9
0000 uuuu uuuu uuuu
ADCBUFA
0294
—
—
—
—
ADC Data Buffer 10
0000 uuuu uuuu uuuu
ADCBUFB
0296
—
—
—
—
ADC Data Buffer 11
0000 uuuu uuuu uuuu
ADCBUFC
0298
—
—
—
—
ADC Data Buffer 12
0000 uuuu uuuu uuuu
ADCBUFD
029A
—
—
—
—
ADC Data Buffer 13
0000 uuuu uuuu uuuu
ADCBUFE
029C
—
—
—
—
ADC Data Buffer 14
0000 uuuu uuuu uuuu
ADCBUFF
029E
—
—
—
—
ADC Data Buffer 15
0000 uuuu uuuu uuuu
ADCON1
02A0
ADON
—ADSIDL
—
—
—
FORM<1:0>
SSRC<2:0>
—
—
ASAM
SAMP
DONE
0000 0000 0000 0000
ADCON2
02A2
VCFG<2:0>
—
—
CSCNA
—
—BUFS
—
SMPI<3:0>
BUFM
ALTS
0000 0000 0000 0000
ADCON3
02A4
—
—
—
SAMC<4:0>
ADRC
—
ADCS<5:0>
0000 0000 0000 0000
ADCHS
02A6
—
—
—
CH0NB
CH0SB<3:0>
—
—
—
CH0NA
CH0SA<3:0>
0000 0000 0000 0000
ADPCFG
02A8
—
—
—
—
—
—
PCFG9 PCFG8 PCFG7
PCFG6
PCFG5
PCFG4
PCFG3
PCFG2
PCFG1
PCFG0
0000 0000 0000 0000
ADCSSL
02AA
—
—
—
—
—
—
CSSL9
CSSL8
CSSL7
CSSL6
CSSL5
CSSL4
CSSL3
CSSL2
CSSL1
CSSL0
0000 0000 0000 0000
Legend:
u
= uninitialized bit
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com