Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT20E/P Datasheet(PDF) 126 Page - Microchip Technology

Part # DSPIC30F2011AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT20E/P Datasheet(HTML) 126 Page - Microchip Technology

Back Button DSPIC30F2011AT20E/P Datasheet HTML 122Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 123Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 124Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 125Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 126Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 127Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 128Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 129Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 124
© 2006 Microchip Technology Inc.
17.2.7
FAIL-SAFE CLOCK MONITOR
The Fail-Safe Clock Monitor (FSCM) allows the device
to continue to operate even in the event of an oscillator
failure. The FSCM function is enabled by appropriately
programming the FCKSM Configuration bits (clock
switch and monitor selection bits) in the FOSC Device
Configuration register. If the FSCM function is enabled,
the LPRC internal oscillator will run at all times (except
during Sleep mode) and will not be subject to control by
the SWDTEN bit.
In the event of an oscillator failure, the FSCM will gen-
erate a clock failure trap event and will switch the sys-
tem clock over to the FRC oscillator. The user will then
have the option to either attempt to restart the oscillator
or execute a controlled shutdown. The user may decide
to treat the trap as a warm Reset by simply loading the
Reset address into the oscillator fail trap vector. In this
event, the CF (Clock Fail) bit (OSCCON<3>) is also set
whenever a clock failure is recognized.
In the event of a clock failure, the WDT is unaffected
and continues to run on the LPRC clock.
If the oscillator has a very slow start-up time coming out
of POR, BOR or Sleep, it is possible that the PWRT
timer will expire before the oscillator has started. In
such cases, the FSCM will be activated and the FSCM
will initiate a clock failure trap, and the COSC<2:0> bits
are loaded with FRC oscillator selection. This will effec-
tively shut-off the original oscillator that was trying to
start.
The user may detect this situation and restart the
oscillator in the clock fail trap ISR.
Upon a clock failure detection, the FSCM module will
initiate a clock switch to the FRC oscillator as follows:
1.
The COSC bits (OSCCON<14:12>) are loaded
with the FRC oscillator selection value.
2.
CF bit is set (OSCCON<3>).
3.
OSWEN control bit (OSCCON<0>) is cleared.
For the purpose of clock switching, the clock sources
are sectioned into four groups:
1.
Primary (with or without PLL)
2.
Secondary
3.
Internal FRC
4.
Internal LPRC
The user can switch between these functional groups
but cannot switch between options within a group. If the
primary group is selected, then the choice within the
group is always determined by the FPR<4:0> Configu-
ration bits.
The OSCCON register holds the Control and Status
bits related to clock switching.
• COSC<2:0>: Read-only bits always reflect the
current oscillator group in effect.
• NOSC<2:0>: Control bits which are written to
indicate the new oscillator group of choice.
- On POR and BOR, COSC<2:0> and
NOSC<2:0> are both loaded with the Config-
uration bit values FOS<2:0>.
• LOCK: The LOCK bit indicates a PLL lock.
• CF: Read-only bit indicating if a clock fail detect
has occurred.
• OSWEN: Control bit changes from a ‘0’ to a ‘1’
when a clock transition sequence is initiated.
Clearing the OSWEN control bit will abort a clock
transition in progress (used for hang-up
situations).
If Configuration bits FCKSM<1:0> = 1x, then the clock
switching and Fail-Safe Clock monitoring functions are
disabled. This is the default Configuration bit setting.
If clock switching is disabled, then the FOS<2:0> and
FPR<4:0> bits directly control the oscillator selection
and the COSC<2:0> bits do not control the clock selec-
tion. However, these bits will reflect the clock source
selection.
17.2.8
PROTECTION AGAINST
ACCIDENTAL WRITES TO OSCCON
A write to the OSCCON register is intentionally made
difficult because it controls clock switching and clock
scaling.
To write to the OSCCON low byte, the following code
sequence must be executed without any other
instructions in between:
Byte write is allowed for one instruction cycle. Write the
desired value or use bit manipulation instruction.
To write to the OSCCON high byte, the following
instructions must be executed without any other
instructions in between:
Byte write is allowed for one instruction cycle. Write the
desired value or use bit manipulation instruction.
Note:
The application should not attempt to
switch to a clock of frequency lower than
100 kHz when the Fail-Safe Clock Monitor
is enabled. If such clock switching is
performed, the device may generate an
oscillator fail trap and switch to the Fast RC
oscillator.
Byte Write “0x46” to OSCCON low
Byte Write “0x57” to OSCCON low
Byte Write
“0x78” to OSCCON high
Byte Write
“0x9A” to OSCCON high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com