Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT20E/P Datasheet(PDF) 127 Page - Microchip Technology

Part # DSPIC30F2011AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT20E/P Datasheet(HTML) 127 Page - Microchip Technology

Back Button DSPIC30F2011AT20E/P Datasheet HTML 123Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 124Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 125Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 126Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 127Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 128Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 129Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 130Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 125
dsPIC30F2011/2012/3012/3013
17.3
Reset
The PIC18F1220/1320 differentiates between various
kinds of Reset:
a)
Power-on Reset (POR)
b)
MCLR Reset during normal operation
c)
MCLR Reset during Sleep
d)
Watchdog Timer (WDT) Reset (during normal
operation)
e)
Programmable Brown-out Reset (BOR)
f)
RESET
Instruction
g)
Reset caused by trap lockup (TRAPR)
h)
Reset caused by illegal opcode or by using an
uninitialized W register as an address pointer
(IOPUWR)
Different registers are affected in different ways by var-
ious Reset conditions. Most registers are not affected
by a WDT wake-up since this is viewed as the resump-
tion of normal operation. Status bits from the RCON
register are set or cleared differently in different Reset
situations, as indicated in Table 17-5. These bits are
used in software to determine the nature of the Reset.
A block diagram of the On-Chip Reset Circuit is shown
in Figure 17-2.
A MCLR noise filter is provided in the MCLR Reset
path. The filter detects and ignores small pulses.
Internally generated Resets do not drive MCLR pin low.
FIGURE 17-2:
RESET SYSTEM BLOCK DIAGRAM
17.3.1
POR: POWER-ON RESET
A power-on event will generate an internal POR pulse
when a VDD rise is detected. The Reset pulse will occur
at the POR circuit threshold voltage (VPOR) which is
nominally 1.85V. The device supply voltage character-
istics must meet specified starting voltage and rise rate
requirements. The POR pulse will reset a POR timer
and place the device in the Reset state. The POR also
selects the device clock source identified by the
oscillator configuration fuses.
The POR circuit inserts a small delay, TPOR, which is
nominally 10
μs and ensures that the device bias cir-
cuits are stable. Furthermore, a user selected power-
up time-out (TPWRT) is applied. The TPWRT parameter
is based on device Configuration bits and can be 0 ms
(no delay), 4 ms, 16 ms or 64 ms. The total delay is at
device power-up, TPOR + TPWRT. When these delays
have expired, SYSRST will be negated on the next
leading edge of the Q1 clock and the PC will jump to the
Reset vector.
The timing for the SYSRST signal is shown in
Figure 17-3 through Figure 17-5.
S
R
Q
MCLR
VDD
VDD Rise
Detect
POR
SYSRST
Sleep or Idle
Brown-out
Reset
BOREN
RESET
Instruction
WDT
Module
Digital
Glitch Filter
BOR
Trap Conflict
Illegal Opcode/
Uninitialized W Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com