Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT20E/P Datasheet(PDF) 156 Page - Microchip Technology

Part # DSPIC30F2011AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT20E/P Datasheet(HTML) 156 Page - Microchip Technology

Back Button DSPIC30F2011AT20E/P Datasheet HTML 152Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 153Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 154Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 155Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 156Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 157Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 158Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 159Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 160Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 154
© 2006 Microchip Technology Inc.
TABLE 20-12: DC CHARACTERISTICS: PROGRAM AND EEPROM
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
Data EEPROM Memory(2)
D120
ED
Byte Endurance
100K
1M
—
E/W
-40
°C ≤ TA ≤ +85°C
D121
VDRW
VDD for Read/Write
VMIN
—
5.5
V
Using EECON to Read/Write
VMIN = Minimum operating
voltage
D122
TDEW
Erase/Write Cycle Time
—
2
—
ms
D123
TRETD
Characteristic Retention
40
100
—
Year
Provided no other specifications
are violated
D124
IDEW
IDD During Programming
—
10
30
mA
Row Erase
Program Flash Memory(2)
D130
EP
Cell Endurance
10K
100K
—
E/W
-40
°C ≤ TA ≤ +85°C
D131
VPR
VDD for Read
VMIN
—5.5
V
VMIN = Minimum operating
voltage
D132
VEB
VDD for Bulk Erase
4.5
—
5.5
V
D133
VPEW
VDD for Erase/Write
3.0
—
5.5
V
D134
TPEW
Erase/Write Cycle Time
—
2
—
ms
D135
TRETD
Characteristic Retention
40
100
—
Year
Provided no other specifications
are violated
D136
TEB
ICSP™ Block Erase Time
—
4
—
ms
D137
IPEW
IDD During Programming
—
10
30
mA
Row Erase
D138
IEB
IDD During Programming
—
10
30
mA
Bulk Erase
Note 1:
Data in “Typ” column is at 5V, 25°C unless otherwise stated.
2:
These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com