Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT20E/P Datasheet(PDF) 159 Page - Microchip Technology

Part # DSPIC30F2011AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT20E/P Datasheet(HTML) 159 Page - Microchip Technology

Back Button DSPIC30F2011AT20E/P Datasheet HTML 155Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 156Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 157Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 158Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 159Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 160Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 161Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 162Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 157
dsPIC30F2011/2012/3012/3013
TABLE 20-15: PLL CLOCK TIMING SPECIFICATIONS (VDD = 2.5 TO 5.5 V)
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Typ(2)
Max
Units
Conditions
OS50
FPLLI
PLL Input Frequency Range(2)
4
4
4
4
4
4
5(3)
5(3)
5(3)
4
4
4
—
—
—
—
—
—
—
—
—
—
—
—
10
10
7.5(4)
10
10
7.5(4)
10
10
7.5(4)
8.33(3)
8.33(3)
7.5(4)
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
EC with 4x PLL
EC with 8x PLL
EC with 16x PLL
XT with 4x PLL
XT with 8x PLL
XT with 16x PLL
HS/2 with 4x PLL
HS/2 with 8x PLL
HS/2 with 16x PLL
HS/3 with 4x PLL
HS/3 with 8x PLL
HS/3 with 16x PLL
OS51
FSYS
On-Chip PLL Output(2)
16
—
120
MHz
EC, XT, HS/2, HS/3
modes with PLL
OS52
TLOC
PLL Start-up Time (Lock Time)
—
20
50
μs
Note 1:
These parameters are characterized but not tested in manufacturing.
2:
Data in “Typ” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
3:
Limited by oscillator frequency range.
4:
Limited by device operating frequency range.
TABLE 20-16: PLL JITTER
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Characteristic
Min
Typ(1)
Max
Units
Conditions
OS61
x4 PLL
—
0.251
0.413
%
-40°C
≤ TA ≤ +85°C
VDD = 3.0 to 3.6V
—
0.251
0.413
%
-40°C
≤ TA ≤ +125°C
VDD = 3.0 to 3.6V
—
0.256
0.47
%
-40°C
≤ TA ≤ +85°C
VDD = 4.5 to 5.5V
—
0.256
0.47
%
-40°C
≤ TA ≤ +125°C
VDD = 4.5 to 5.5V
x8 PLL
—
0.355
0.584
%
-40°C
≤ TA ≤ +85°C
VDD = 3.0 to 3.6V
—
0.355
0.584
%
-40°C
≤ TA ≤ +125°C
VDD = 3.0 to 3.6V
—
0.362
0.664
%
-40°C
≤ TA ≤ +85°C
VDD = 4.5 to 5.5V
—
0.362
0.664
%
-40°C
≤ TA ≤ +125°C
VDD = 4.5 to 5.5V
x16 PLL
—
0.67
0.92
%
-40°C
≤ TA ≤ +85°C
VDD = 3.0 to 3.6V
—
0.632
0.956
%
-40°C
≤ TA ≤ +85°C
VDD = 4.5 to 5.5V
—
0.632
0.956
%
-40°C
≤ TA ≤ +125°C
VDD = 4.5 to 5.5V
Note 1:
These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com