Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT20E/P Datasheet(PDF) 163 Page - Microchip Technology

Part # DSPIC30F2011AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT20E/P Datasheet(HTML) 163 Page - Microchip Technology

Back Button DSPIC30F2011AT20E/P Datasheet HTML 159Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 160Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 161Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 162Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 163Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 164Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 165Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 166Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 161
dsPIC30F2011/2012/3012/3013
FIGURE 20-6:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER TIMING CHARACTERISTICS
TABLE 20-21: RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER
AND BROWN-OUT RESET TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Typ(2)
Max
Units
Conditions
SY10
TmcL
MCLR Pulse Width (low)
2
—
—
μs
-40°C to +85°C
SY11
TPWRT
Power-up Timer Period
3
12
50
4
16
64
6
22
90
ms
-40°C to +85°C
User programmable
SY12
TPOR
Power On Reset Delay
3
10
30
μs
-40°C to +85°C
SY13
TIOZ
I/O high impedance from MCLR
Low or Watchdog Timer Reset
—0.8
1.0
μs
SY20
TWDT1
Watchdog Timer Time-out Period
(No Prescaler)
1.4
2.1
2.8
ms
VDD = 5V, -40°C to +85°C
TWDT2
1.4
2.1
2.8
ms
VDD = 3V, -40°C to +85°C
SY25
TBOR
Brown-out Reset Pulse Width(3)
100
—
—
μsVDD ≤ VBOR (D034)
SY30
TOST
Oscillation Start-up Timer Period
—
1024 TOSC
——
TOSC = OSC1 period
SY35
TFSCM
Fail-Safe Clock Monitor Delay
—
500
900
μs
-40°C to +85°C
Note 1:
These parameters are characterized but not tested in manufacturing.
2:
Data in “Typ” column is at 5V, 25°C unless otherwise stated.
3:
Refer to Figure 20-2 and Table 20-11 for BOR.
VDD
MCLR
Internal
POR
PWRT
Time-out
OSC
Time-out
Internal
RESET
Watchdog
Timer
RESET
SY11
SY10
SY20
SY13
I/O Pins
SY13
Note: Refer to Figure 20-3 for load conditions.
FSCM
Delay
SY35
SY30
SY12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com