Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT20E/P Datasheet(PDF) 165 Page - Microchip Technology

Part # DSPIC30F2011AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT20E/P Datasheet(HTML) 165 Page - Microchip Technology

Back Button DSPIC30F2011AT20E/P Datasheet HTML 161Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 162Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 163Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 164Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 165Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 166Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 167Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 168Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 163
dsPIC30F2011/2012/3012/3013
FIGURE 20-8:
TYPE A, B AND C TIMER EXTERNAL CLOCK TIMING CHARACTERISTICS
TABLE 20-23: TYPE A TIMER (TIMER1) EXTERNAL CLOCK TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
TA10
TTXH
TxCK High Time
Synchronous,
no prescaler
0.5 TCY + 20
—
—
ns
Must also meet
parameter TA15
Synchronous,
with prescaler
10
—
—
ns
Asynchronous
10
—
—
ns
TA11
TTXL
TxCK Low Time
Synchronous,
no prescaler
0.5 TCY + 20
—
—
ns
Must also meet
parameter TA15
Synchronous,
with prescaler
10
—
—
ns
Asynchronous
10
—
—
ns
TA15
TTXP
TxCK Input Period Synchronous,
no prescaler
TCY + 10
—
—
ns
Synchronous,
with prescaler
Greater of:
20 ns or
(TCY + 40)/N
——
—
N = prescale
value
(1, 8, 64, 256)
Asynchronous
20
—
—
ns
OS60
Ft1
SOSC1/T1CK oscillator input
frequency range (oscillator enabled
by setting bit TCS (T1CON, bit 1))
DC
—
50
kHz
TA20
TCKEXTMRL Delay from External TxCK Clock
Edge to Timer Increment
0.5 TCY
—1.5 TCY
—
Note:
Timer1 is a Type A.
Note: Refer to Figure 20-3 for load conditions.
Tx11
Tx15
Tx10
Tx20
TMRX
OS60
TxCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com