Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT20E/P Datasheet(PDF) 167 Page - Microchip Technology

Part # DSPIC30F2011AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT20E/P Datasheet(HTML) 167 Page - Microchip Technology

Back Button DSPIC30F2011AT20E/P Datasheet HTML 163Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 164Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 165Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 166Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 167Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 168Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 169Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 170Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 165
dsPIC30F2011/2012/3012/3013
FIGURE 20-9:
INPUT CAPTURE (CAPx) TIMING CHARACTERISTICS
TABLE 20-26: INPUT CAPTURE TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Max
Units
Conditions
IC10
TccL
ICx Input Low Time
No Prescaler
0.5 TCY + 20
—
ns
With Prescaler
10
—
ns
IC11
TccH
ICx Input High Time
No Prescaler
0.5 TCY + 20
—
ns
With Prescaler
10
—
ns
IC15
TccP
ICx Input Period
(2 TCY + 40)/N
—
ns
N = prescale
value (1, 4, 16)
Note 1:
These parameters are characterized but not tested in manufacturing.
ICX
IC10
IC11
IC15
Note: Refer to Figure 20-3 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com