Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F010-E/MC Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC16F010-E/MC
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-E/MC Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC16F010-E/MC Datasheet HTML 19Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 20Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 21Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 22Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 23Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 24Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 25Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 26Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 116 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41268C-page 21
PIC12F510/16F506
REGISTER 4-4:
OPTION_REG: OPTION REGISTER (PIC16F506)
W-1
W-1
W-1
W-1
W-1
W-1
W-1
W-1
RBWU
RBPU
T0CS
T0SE
PSA
PS2
PS1
PS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
RBWU: Enable Wake-up On Pin Change bit (RB0, RB1, RB3, RB4)
1
= Disabled
0
= Enabled
bit 6
RBPU: Enable Weak Pull-ups bit (RB0, RB1, RB3, RB4)
1
= Disabled
0
= Enabled
bit 5
T0CS: Timer0 Clock Source Select bit
1
=
Transition on T0CKI pin
0
=
Internal instruction cycle clock (CLKOUT)
bit 4
T0SE: Timer0 Source Edge Select bit
1
=
Increment on high-to-low transition on T0CKI pin
0
=
Increment on low-to-high transition on T0CKI pin
bit 3
PSA: Prescaler Assignment bit
1
=
Prescaler assigned to the WDT
0
=
Prescaler assigned to Timer0
bit 2-0
PS<2:0>: Prescaler Rate Select bits
000
001
010
011
100
101
110
111
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
1 : 256
1 : 1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
Bit Value
Timer0 Rate
WDT Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com