Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F010-E/MC Datasheet(PDF) 54 Page - Microchip Technology

Part # PIC16F010-E/MC
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-E/MC Datasheet(HTML) 54 Page - Microchip Technology

Back Button PIC16F010-E/MC Datasheet HTML 50Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 51Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 52Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 53Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 54Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 55Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 56Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 57Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 116 page
background image
PIC12F510/16F506
DS41268C-page 52
Preliminary
© 2007 Microchip Technology Inc.
9.1.5
SLEEP
This ADC does not have a dedicated ADC clock, and
therefore, no conversion in Sleep is possible. If a
conversion is underway and a Sleep command is
executed, the GO/DONE and ADON bit will be cleared.
This will stop any conversion in process and power-
down the ADC module to conserve power. Due to the
nature of the conversion process, the ADRES may con-
tain a partial conversion. At least 1 bit must have been
converted prior to Sleep to have partial conversion data
in ADRES. The ADCS and CHS bits are reset to their
default condition; ANS<1:0> = 11 and CHS<1:0> = 11.
• For accurate conversions, TAD must meet the
following:
•500 ns < TAD < 50
μs
•TAD = 1/(FOSC/divisor)
Shaded areas indicate TAD out of range for accurate
conversions. If analog input is desired at these
frequencies, use INTOSC/4 for the ADC clock source.
TABLE 9-2:
TAD FOR ADCS SETTINGS WITH VARIOUS OSCILLATORS
TABLE 9-3:
EFFECTS OF SLEEP ON ADCON0
Source
ADCS
<1:0>
Divisor
20
MHz
16
MHz
8MHz 4MHz 1MHz
500
kHz
350
kHz
200
kHz
100
kHz
32 kHz
INTOSC
11
4
—
—.5
μs1 μs
—
—
—
—
—
—
FOSC
10
4
.2
μs
.25
μs.5 μs1 μs4 μs8 μs11 μs20 μs40 μs
125
μs
FOSC
01
8
.4
μs.5 μs1 μs2 μs8 μs16 μs23 μs40 μs
80
μs
250
μs
FOSC
00
16
.8
μs1 μs2 μs4 μs16 μs32 μs46 μs
80
μs 160 μs 500 μs
ANS1
ANS0
ADCS1
ADCS0
CHS1
CHS0
GO/DONE
ADON
Entering
Sleep
Unchanged Unchanged
111
100
Wake or
Reset
11
111
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com