Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F010-E/MC Datasheet(PDF) 63 Page - Microchip Technology

Part # PIC16F010-E/MC
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-E/MC Datasheet(HTML) 63 Page - Microchip Technology

Back Button PIC16F010-E/MC Datasheet HTML 59Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 60Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 61Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 62Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 63Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 64Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 65Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 66Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 116 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41268C-page 61
PIC12F510/16F506
10.3
Reset
The device differentiates between various kinds of
Reset:
• Power-on Reset (POR)
•MCLR Reset during normal operation
•MCLR Reset during Sleep
• WDT Time-out Reset during normal operation
• WDT Time-out Reset during Sleep
• Wake-up from Sleep Reset on pin change
• Wake-up from Sleep Reset on comparator
change
Some registers are not reset in any way, they are
unknown on POR and unchanged in any other Reset.
Most other registers are reset to “Reset state” on
Power-on Reset (POR), MCLR, WDT or Wake-up from
Sleep Reset on pin change or wake-up from Sleep
Reset on comparator change. The exceptions are TO,
PD, CWUF and RBWUF/GPWUF bits. They are set or
cleared differently in different Reset situations. These
bits are used in software to determine the nature of
Reset. See Table 10-4 for a full description of Reset
states of all registers.
TABLE 10-3:
RESET CONDITIONS FOR REGISTERS – PIC12F510
Register
Address
Power-on Reset
MCLR Reset, WDT Time-out,
Wake-up On Pin Change, Wake-up on
Comparator Change
W—
qqqq qqqu(1)
qqqq qqqu(1)
INDF
00h
xxxx xxxx
uuuu uuuu
TMR0
01h
xxxx xxxx
uuuu uuuu
PCL
02h
1111 1111
1111 1111
STATUS
03h
0001 1xxx
qq0q quuu(2)
FSR
04h
110x xxxx
11uu uuuu
OSCCAL
05h
1111 111-
uuuu uuu-
GPIO
06h
--xx xxxx
--uu uuuu
CM1CON0
07h
1111 1111
uuuu uuuu
ADCON0
08h
1111 1100
uu11 1100
ADRES
09h
xxxx xxxx
uuuu uuuu
OPTION
—
1111 1111
1111 1111
TRISIO
—
--11 1111
--11 1111
Legend: u = unchanged, x = unknown, – = unimplemented bit, read as ‘0’, q = value depends on condition.
Note 1:
Bits <7:2> of W register contain oscillator calibration values due to MOVLW XX instruction at top of
memory.
2:
See Table 10-5 for Reset value for specific conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com