Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F010-E/MC Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC16F010-E/MC
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-E/MC Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC16F010-E/MC Datasheet HTML 15Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 16Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 17Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 18Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 19Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 20Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 21Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 22Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 116 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41268C-page 17
PIC12F510/16F506
4.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers (SFRs) are registers
used by the CPU and peripheral functions to control the
operation of the device (see Table 4-1).
The Special Function Registers can be classified into
two sets. The Special Function Registers associated
with the “core” functions are described in this section.
Those related to the operation of the peripheral
features are described in the section for each
peripheral feature.
TABLE 4-1:
SPECIAL FUNCTION REGISTER SUMMARY – PIC12F510
TABLE 4-2:
SPECIAL FUNCTION REGISTER SUMMARY – PIC16F506
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
N/A
TRIS
I/O Control Registers (TRISGPIO)
--11 1111
N/A
OPTION
Contains control bits to configure Timer0 and Timer0/WDT Prescaler
1111 1111
00h
INDF
Uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
01h
TMR0
Timer0 Module Register
xxxx xxxx
02h(1)
PCL
Low Order 8 bits of PC
1111 1111
03h
STATUS
GPWUF
CWUF
PA0
TO
PD
ZDC
C
0001 1xxx
04h
FSR
Indirect Data Memory Address Pointer
100x xxxx
05h
OSCCAL
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
—
1111 111-
06h
GPIO
—
—
GP5
GP4
GP3
GP2
GP1
GP0
--xx xxxx
07h
CM1CON0
C1OUT
C1OUTEN
C1POL
C1T0CS
C1ON
C1NREF
C1PREF
C1WU
1111 1111
08h
ADCON0
ANS1
ANS0
ADCS1
ADCS0
CHS1
CHS0
GO/DONE
ADON
1111 1100
09h
ADRES
ADC Conversion Result
xxxx xxxx
Legend:
x
= unknown, u = unchanged, – = unimplemented, read as ‘0’ (if applicable). Shaded cells = unimplemented or unused.
Note
1:
The upper byte of the Program Counter is not directly accessible. See Section 4.6 “Program Counter” for an explanation of
how to access these bits.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
N/A
TRIS
I/O Control Registers (TRISB, TRISC)
--11 1111
N/A
OPTION
Contains control bits to configure Timer0 and Timer0/WDT Prescaler
1111 1111
00h
INDF
Uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
01h
TMR0
Timer0 Module Register
xxxx xxxx
02h(1)
PCL
Low Order 8 bits of PC
1111 1111
03h
STATUS
RBWUF
CWUF
PA0
TO
PD
ZDC
C
0001 1xxx
04h
FSR
Indirect Data Memory Address Pointer
100x xxxx
05h
OSCCAL
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
—
1111 111-
06h
PORTB
—
—
RB5
RB4
RB3
RB2
RB1
RB0
--xx xxxx
07h
PORTC
—
—
RC5
RC4
RC3
RC2
RC1
RC0
--xx xxxx
08h
CM1CON0
C1OUT
C1OUTEN
C1POL
C1T0CS
C1ON
C1NREF
C1PREF
C1WU
1111 1111
09h
ADCON0
ANS1
ANS0
ADCS1
ADCS0
CHS1
CHS0
GO/DONE
ADON
1111 1100
0Ah
ADRES
ADC Conversion Result
xxxx xxxx
0Bh
CM2CON0
C2OUT
C2OUTEN
C2POL
C2PREF2
C2ON
C2NREF
C2PREF1
C2WU
1111 1111
0Ch
VRCON
VREN
VROE
VRR
—VR3
VR2
VR1
VR0
001- 1111
Legend:
x
= unknown, u = unchanged, – = unimplemented, read as ‘0’ (if applicable). Shaded cells = unimplemented or unused.
Note
1:
The upper byte of the Program Counter is not directly accessible. See Section 4.6 “Program Counter” for an explanation of
how to access these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com