Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F010-E/MC Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC16F010-E/MC
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-E/MC Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC16F010-E/MC Datasheet HTML 92Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 93Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 94Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 95Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 96Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 97Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 98Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 99Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 116 page
background image
PIC12F510/16F506
DS41268C-page 94
Preliminary
© 2007 Microchip Technology Inc.
TABLE 13-7:
TIMING REQUIREMENTS
FIGURE 13-8:
RESET, WATCHDOG TIMER AND DEVICE RESET TIMER TIMING
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
-40
°C ≤ TA ≤ +85°C (industrial)
-40
°C ≤ TA ≤ +125°C (extended)
Param
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
17
TOSH2IOVOSC1
↑ (Q1 cycle) to Port out valid(2), (3)
—
—
100*
ns
18
TOSH2IOIOSC1
↑ (Q2 cycle) to Port input invalid
(I/O in hold time)(2)
TBD
—
—
ns
19
TIOV2OSH
Port input valid to OSC1
↑ (I/O in setup time)
TBD
—
—
ns
20
TIOR
Port output rise time(2), (3)
—
10
25**
ns
21
TIOF
Port output fall time(2), (3)
—
10
25**
ns
*
These parameters are characterized but not tested.
** These parameters are design targets and are not tested.
Note 1:
Data in the Typical (“Typ”) column is at 5V, 25°C unless otherwise stated. These parameters are for
design guidance only and are not tested.
2:
Measurements are taken in EXTRC mode.
3:
See Figure 13-5 for loading conditions.
VDD
MCLR
Internal
POR
DRT
Timeout(2)
Internal
Reset
Watchdog
Timer Reset
32
31
34
I/O pin(1)
32
32
34
30
Note
1:
I/O pins must be taken out of High-Impedance mode by enabling the output drivers in software.
2:
Runs in MCLR or WDT Reset only in XT, LP and HS modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com