Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F010-E/MC Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC16F010-E/MC
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-E/MC Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC16F010-E/MC Datasheet HTML 48Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 49Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 50Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 51Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 52Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 53Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 54Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 55Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 116 page
background image
PIC12F510/16F506
DS41268C-page 50
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 8-1:
COMPARATOR VOLTAGE REFERENCE BLOCK DIAGRAM
TABLE 8-1:
REGISTERS ASSOCIATED WITH COMPARATOR VOLTAGE REFERENCE
Add
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on all
other Resets
0Ch
VRCON
VREN
VROE
VRR
—
VR3
VR2
VR1
VR0
001- 1111
001- 1111
08h
CM1CON0(1)
C1OUT
C1OUTEN
C1POL
C1T0CS
C1ON
C1NREF
C1PREF
C1WU
1111 1111
uuuu uuuu
0Bh
CM2CON0(1)
C2OUT
C2OUTEN
C2POL
C2PREF2
C2ON
C2NREF
C2PREF1
C2WU
1111 1111
uuuu uuuu
Legend:
x
= unknown, u = unchanged, – = unimplemented, read as ‘0’.
Note
1:
PIC16F506 only.
VDD
8R
R
R
VREN
16-1 Analog
MUX
CVREF to
Comparator 2
Input
VR<3:0>
VREN
VR<3:0> = 0000
VRR
VRR
8R
RR
16 Stages
RC2/CVREF
VROE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com