Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R100 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST25R100
Description  NFC/HF RFID reader IC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R100 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST25R100 Datasheet HTML 47Page - STMicroelectronics ST25R100 Datasheet HTML 48Page - STMicroelectronics ST25R100 Datasheet HTML 49Page - STMicroelectronics ST25R100 Datasheet HTML 50Page - STMicroelectronics ST25R100 Datasheet HTML 51Page - STMicroelectronics ST25R100 Datasheet HTML 52Page - STMicroelectronics ST25R100 Datasheet HTML 53Page - STMicroelectronics ST25R100 Datasheet HTML 54Page - STMicroelectronics ST25R100 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 86 page
background image
Bit
Name
Default
Function
Comment
2
General purpose timer definition LSB
-
gpt2
0
1
gpt1
0
0
gpt0
0
5.13.36
Display register 3
Address: 23h
Type: RO
Domain: PD
Table 52. Display register 3
Bit
Name
Default
Function
Comment
7
RFU
0
-
-
6
rf_ind6
0
Result of the sense RF measurement command
-
5
rf_ind5
0
4
rf_ind4
0
3
rf_ind3
0
2
rf_ind2
0
1
rf_ind1
0
0
rf_ind0
0
5.13.37
Display register 4
Address: 24h
Type: RO
Domain: PD
Table 53. Display register 4
Bit
Name
Default
Function
Comment
7
RFU
1
-
-
6
q_tdi2
0
1: q_adc >> q_ref + q_diff
Above upper threshold
5
q_tdi1
0
1: q_ref - q_diff ≤ q_adc ≤ q_ref + q_diff
Between lower and upper threshold
4
q_tdi0
0
1: q_adc < q_ref - q_diff
Below lower threshold
3
RFU
0
-
-
2
i_tdi2
0
1: i_adc > i_ref + i_diff
Above upper threshold
1
i_tdi1
0
1: i_ref - i_diff ≤ i_adc ≤ i_ref + i_diff
Between lower and upper threshold
0
i_tdi0
0
1: i_adc < i_ref - i_diff
Below lower threshold
ST25R100
Application information
DS14139 - Rev 5
page 51/86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com