Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R100 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST25R100
Description  NFC/HF RFID reader IC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R100 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST25R100 Datasheet HTML 36Page - STMicroelectronics ST25R100 Datasheet HTML 37Page - STMicroelectronics ST25R100 Datasheet HTML 38Page - STMicroelectronics ST25R100 Datasheet HTML 39Page - STMicroelectronics ST25R100 Datasheet HTML 40Page - STMicroelectronics ST25R100 Datasheet HTML 41Page - STMicroelectronics ST25R100 Datasheet HTML 42Page - STMicroelectronics ST25R100 Datasheet HTML 43Page - STMicroelectronics ST25R100 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 86 page
background image
Table 26. Correlator register 5
Bit
Name
Default
Function
Comment
7
RFU
0
-
-
6
RFU
0
-
-
5
dis_soft_sq
0
0: Enables soft squelch with noise measurement when the receiver is enabled
1: Disables soft squelch
-
4
en_subc_end
0
BPSK only
0: No subcarrier end detection (reception stops with valid EoF or timeout)
1: Fast subcarrier end detection
-
3
no_phase
0
BPSK only
0: Enables phase correction after signal start detection
1: Disables phase correction after signal start detection
-
2
dec_f2
0
Decimation factor for IIR filters
-
1
dec_f1
1
0
dec_f0
1
5.13.15
Correlator register 6
Address: 0Eh
Type: RW
Domain: RD
Table 27. Correlator register 6
Bit
Name
Default
Function
Comment
7
init_noise_lvl3
0
Correlator initial noise level
Higher levels increase robustness to noise, where lower levels lead
to higher sensitivity
6
init_noise_lvl2
0
5
init_noise_lvl1
1
4
init_noise_lvl0
1
3
RFU
0
-
-
2
RFU
0
-
-
1
RFU
0
-
-
0
RFU
0
-
-
ST25R100
Application information
DS14139 - Rev 5
page 40/86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com