Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R100 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST25R100
Description  NFC/HF RFID reader IC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R100 Datasheet(HTML) 3 Page - STMicroelectronics

  ST25R100 Datasheet HTML 1Page - STMicroelectronics ST25R100 Datasheet HTML 2Page - STMicroelectronics ST25R100 Datasheet HTML 3Page - STMicroelectronics ST25R100 Datasheet HTML 4Page - STMicroelectronics ST25R100 Datasheet HTML 5Page - STMicroelectronics ST25R100 Datasheet HTML 6Page - STMicroelectronics ST25R100 Datasheet HTML 7Page - STMicroelectronics ST25R100 Datasheet HTML 8Page - STMicroelectronics ST25R100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
1
Description
Delivering high-end performance in a small 4x4 mm package, the ST25R100 multipurpose NFC transceiver
brings the convenience of contactless interaction and features to a variety of end applications. It is especially
optimized for end products in consumer and industrial segments.
The ST25R100 supports NFC reader/writer mode. The high output power allows easy integration into applications
with small antennas. The reader has an excellent read range and comes with an improved low power card
detection (LPCD), increasing detection range in inductive wake-up mode. During this low power wake-up mode,
the system can detect the approach or the removal of tags. The IC contains an RC oscillator and programmable
timer to automatically scan for cards or other NFC-enabled devices like a smartwatch or a phone when in WU
mode.
The high sensitivity of the ST25R100, supported by ST’s noise suppression receiver (NSR) technology, allows
successful reads even in noisy environments.
It includes an advanced analog front end (AFE) and a highly integrated data framing system for NFC-A/B (ISO
14443A/B) and NFC-V (ISO 15693) to read cards. The transparent mode of the AFE can be used to implement
other custom protocols in reader mode.
The device comes in a compact 4x4mm 24-pin TQFN package, allowing the integration of NFC technology in
small devices.
It is designed to operate from a wide power supply range (2.7 to 5.5 V) and a wide peripheral IO voltage range
(from 2.7 to 5.5 V), within a broad ambient temperature range from -25 °C up to +85 °C.
ST25R100
Description
DS14139 - Rev 5
page 3/86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com