Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R100 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST25R100
Description  NFC/HF RFID reader IC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R100 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST25R100 Datasheet HTML 8Page - STMicroelectronics ST25R100 Datasheet HTML 9Page - STMicroelectronics ST25R100 Datasheet HTML 10Page - STMicroelectronics ST25R100 Datasheet HTML 11Page - STMicroelectronics ST25R100 Datasheet HTML 12Page - STMicroelectronics ST25R100 Datasheet HTML 13Page - STMicroelectronics ST25R100 Datasheet HTML 14Page - STMicroelectronics ST25R100 Datasheet HTML 15Page - STMicroelectronics ST25R100 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 86 page
background image
Figure 6. State diagram
Power-down
Mode
Ready
Mode
POR
en = 1
Wake-up
Mode
en = 0
Reset
Mode
RESET=0
RESET=1
RESET
=1
RESET=1
MS71320V1
5.2
Power-on sequence
Once powered, the device enters the PD mode. The content of all registers is set to its default state.
One can set the device into any other operation mode by changing the configuration on the Operation register.
Transiting the device to RD mode and prepared for communication comprises on:
•
Applying appropriate configuration on registers: Operation and General
•
Setting en = 1 and waiting for the device to get ready and with the oscillator stable (I_osc/osc_ok)
•
The internal voltage regulators must be configured. It is recommended to use direct command adjust
regulators to improve the system PSRR.
Once completed the device is ready for communication.
ST25R100
Application information
DS14139 - Rev 5
page 12/86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com