Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R100 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST25R100
Description  NFC/HF RFID reader IC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R100 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST25R100 Datasheet HTML 27Page - STMicroelectronics ST25R100 Datasheet HTML 28Page - STMicroelectronics ST25R100 Datasheet HTML 29Page - STMicroelectronics ST25R100 Datasheet HTML 30Page - STMicroelectronics ST25R100 Datasheet HTML 31Page - STMicroelectronics ST25R100 Datasheet HTML 32Page - STMicroelectronics ST25R100 Datasheet HTML 33Page - STMicroelectronics ST25R100 Datasheet HTML 34Page - STMicroelectronics ST25R100 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 86 page
background image
5.13.5
Tx modulation register 1
Address: 04h
Type: RW
Domain: PD
Table 13. Tx modulation register 1
Bit
Name
Default
Function
Comment
7
am_mod3
0
AM modulation index (see Table 14)
-
6
am_mod2
1
-
5
am_mod1
1
-
4
am_mod0
1
-
3
mod_state
0
Modulation state
It enables to switch the modulation/unmodulated state
manually
2
RFU
0
-
-
1
res_am
0
1: Resistive AM modulation enable
-
0
reg_am
0
1: Regulator AM enable
-
Table 14. AM modulation index
am_mod<3:0>
am_mod3
am_mod2
am_mod1
am_mod0
Modulation (%)
0
0
0
0
0
8
1
0
0
0
1
9
2
0
0
1
0
10
3
0
0
1
1
11
4
0
1
0
0
12
5
0
1
0
1
13
6
0
1
1
0
14
7
0
1
1
1
15
8
1
0
0
0
17
9
1
0
0
1
19
10
1
0
1
0
22
11
1
0
1
1
26
12
1
1
0
0
30
13
1
1
0
1
35
14
1
1
1
0
45
15
1
1
1
1
55
ST25R100
Application information
DS14139 - Rev 5
page 31/86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com