Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R100 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST25R100
Description  NFC/HF RFID reader IC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R100 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST25R100 Datasheet HTML 3Page - STMicroelectronics ST25R100 Datasheet HTML 4Page - STMicroelectronics ST25R100 Datasheet HTML 5Page - STMicroelectronics ST25R100 Datasheet HTML 6Page - STMicroelectronics ST25R100 Datasheet HTML 7Page - STMicroelectronics ST25R100 Datasheet HTML 8Page - STMicroelectronics ST25R100 Datasheet HTML 9Page - STMicroelectronics ST25R100 Datasheet HTML 10Page - STMicroelectronics ST25R100 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
UFQFPN24
Name
Type(1)
Description
20
XTO
AO
Crystal oscillator output
21
RESET
DI
Reset input
22
BSS
DI
Serial peripheral interface enable (active low)
23
MOSI
DI
Serial peripheral interface data input
24
SCLK
DI
Serial peripheral interface clock
25
VSS
P
Ground, die substrate potential, via exposed die pad
1. •
AI: analog input
•
AIO: analog I/O
•
AO: analog output
•
DI: digital input
•
DIO: digital bidirectional
•
DO: digital output
•
DO_T: digital output/tri-state
•
P: power supply pin
ST25R100
Pin and signal description
DS14139 - Rev 5
page 7/86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com