Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PWR-2700-DC-R Datasheet(PDF) 12 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 12 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 9Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 10Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 11Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 12Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 13Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 14Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 15Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 16Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
Temperature and Ventilation: For proper ventilation, install the switch where there is ample airflow
to the front and back of the switch. The temperature should not go below 0° or exceed 40°C.
Important: To prevent the switch from overheating, do not operate it in an area where the
ambient temperature exceeds 40°C (104°F).
Pour empêcher l'interrupteur de surchauffe, ne pas utiliser il dans une zone où la
température ambiante est supérieure à 40°C (104°F).
Airflow Orientation: The fans direct air from the front panel to the rear panel. Orient the front panel
toward the cool aisle.
Rack Space Requirements: Table 4: Rack Space Requirements shows the rack space
requirements for each of the modular switches.
Table 4: Rack Space Requirements
Rack or Cabinet (standard 19" EIA)
Switch
2-post
4-post
Switch Height (RU)
DCS-7504N
Yes
Yes
7
DCS-7508N
Yes
Yes
13
DCS-7512N
No
Yes
18
DCS-7516N
No
Yes
29
Note: The accessory kit provides the required mounting brackets or shelf for each switch.
Power Requirements: Arista switches require a minimum number of operating power supplies in
the top section of all chassis, AC or DC and for each power domain of switches with multiple power
domains. Refer to Power Supply Specifications for more details regarding your switch.
Important: DC cables should be protected with circuit overcurrent protection devices and
circuit disconnect means. To power off a unit, power must be disconnected from ALL power
cables.
DC câbles doivent être protégés avec dispositifs de protection de surintensité circuit
et moyens de déconnexion du circuit. Pour éteindre une unité, l'alimentation doit être
débranchée de TOUS les câbles d'alimentation.
Other Requirements: Select a site where liquids or objects cannot fall onto the equipment and
foreign objects are not drawn into the ventilation holes. Verify these guidelines are met:
Clearance areas to the front and rear panels allow for unrestricted cabling.
All front and rear panel indicators can be easily read.
AC power cords can reach from the AC power outlet to the input connectors.
DC power cables can reach from the DC power distribution unit to the input connectors.
2.2
Tools and Parts Required for Installation
The following tools are required to install a modular switch:
Mechanical device capable of lifting chassis being installed (Table 1: Modular Switch
Specifications).
Torque reading nut driver (for DC power supplies).
#2 Phillips head screwdriver.
Torque reading screwdriver using #2 Pozidriv or 1/4" flat bit (Needed for PWR-2700-DC-R).
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com