Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PWR-2700-DC-R Datasheet(PDF) 37 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 37 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 33Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 34Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 35Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 36Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 37Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 38Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 39Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 40Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 41Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
Cabling the Modular Switch
Table 8: Power Supply Configurations
Modular
Switch
Recommended
Number of
PSUs (for
redundancy)
Number
of PSUs
Shipped in
Bundle
Minimum
Number
of PSUs
Required
(per power
domain)
Maximum
Number
of PSUs
Supported
Number
of Power
Domains
DCS-7504N
4
4
2
4
1
DCS-7508N
6
6
2
8
1
DCS-7512N
8
8
2
12
1
DCS-7516N
12
12
3
20
2
4.7.1
Recommendations for Power Supply Usage
Use a separate circuit with required protection for each power supply.
Use the same PSU model when replacing a failed PSU. Check for a suitable alternative if the model
is no longer supported or available.
Unless your switch allows for mixing power supplies, do not mix power supply types.
You must populate each power domain with the minimum number of PSUs required. Domains are
separate banks of grouped supplies, Ten high and ten low for the 16 slot chassis (Domain 1: PS1 –
PS10; domain 2: PS11 – PS20).
Chassis with multiple power domains should have an equal number of supplies in each domain.
For supervisor cooling purposes, all systems require the minimum number of PSUs, as specified in
the Power Supply Configurations , in the top section behind the supervisors.
For 8-slot and 12-slot chassis (grouped power supplies top and bottom), Arista recommends an
equal number of power supplies in the top and bottom groups.
For the 16-slot chassis with two power domains, the power domain with the lowest number of power
supplies prescribes the total power available, therefore, Arista recommends equal number of PSUs
in each domain.
Valid redundancy configurations for each domain are described in Power Supply Redundancy
section.
4.8
Power Supply Redundancy
Important: Installation of this equipment must comply with local and national electrical codes.
If necessary, consult with the appropriate regulatory agencies and inspection authorities to
ensure compliance.
Installation de cet équipement doit être conformes aux codes électriques locaux et nationaux.
Si nécessaire, consulter les organismes de réglementation appropriés et des autorités de
contrôle pour assurer la conformité.
Important: Read all installation instructions before connecting the system to the power source.
Lire toutes les instructions d'installation avant de brancher le système à la source
d'alimentation.
Most installations will have redundant, dual, independent power feeds.
For the following examples, each power feed originates from a different power provider. Each
independent power feed will be referenced as label A and B.
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com