Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6X2X Datasheet(PDF) 114 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 114 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 110Page - Microchip Technology PIC18F6X2X Datasheet HTML 111Page - Microchip Technology PIC18F6X2X Datasheet HTML 112Page - Microchip Technology PIC18F6X2X Datasheet HTML 113Page - Microchip Technology PIC18F6X2X Datasheet HTML 114Page - Microchip Technology PIC18F6X2X Datasheet HTML 115Page - Microchip Technology PIC18F6X2X Datasheet HTML 116Page - Microchip Technology PIC18F6X2X Datasheet HTML 117Page - Microchip Technology PIC18F6X2X Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 386 page
background image
PIC18F6X2X/8X2X
DS39612A-page 112
Advance Information
 2003 Microchip Technology Inc.
TABLE 10-5:
PORTC FUNCTIONS
TABLE 10-6:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
Name
Bit#
Buffer Type
Function
RC0/T1OSO/T13CKI
bit 0
ST
Input/output port pin, Timer1 oscillator output, or Timer1/Timer3
clock input.
RC1/T1OSI/CCP2(1)/
P2A(1)
bit 1
ST
Input/output port pin, Timer1 oscillator input, standard Capture2
input/Compare2 output/PWM output, or Enhanced PWM output P2A.
RC2/CCP1/P1A
bit 2
ST
Input/output port pin, Capture1 input/Compare1 output/PWM1
output, or Enhanced PWM output P1A.
RC3/SCK/SCL
bit 3
ST
RC3 can also be the synchronous serial clock for both SPI and I2C
modes.
RC4/SDI/SDA
bit 4
ST
RC4 can also be the SPI Data In (SPI mode) or Data I/O (I2C mode).
RC5/SDO
bit 5
ST
Input/output port pin or Synchronous Serial Port data output.
RC6/TX1/CK1
bit 6
ST
Input/output port pin, Addressable USART1 Asynchronous Transmit,
or Addressable USART1 Synchronous Clock.
RC7/RX1/DT1
bit 7
ST
Input/output port pin, Addressable USART1 Asynchronous Receive,
or Addressable USART1 Synchronous Data.
Legend:
ST = Schmitt Trigger input
Note 1:
Valid when CCP2MX is set in all devices and in all operating modes (default). RE7 is the alternate assign-
ment for CCP2/P2A for all PIC18F6X2X devices and PIC18F8X2X devices in Microcontroller modes
when CCP2MX is not set; RB3 is the alternate assignment for PIC18F8X2X devices in all other operating
modes.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
RESETS
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
uuuu uuuu
LATC
LATC Data Output Register
xxxx xxxx
uuuu uuuu
TRISC
PORTC Data Direction Register
1111 1111
1111 1111
Legend:
x
= unknown, u = unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com