Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6X2X Datasheet(PDF) 174 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 174 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 170Page - Microchip Technology PIC18F6X2X Datasheet HTML 171Page - Microchip Technology PIC18F6X2X Datasheet HTML 172Page - Microchip Technology PIC18F6X2X Datasheet HTML 173Page - Microchip Technology PIC18F6X2X Datasheet HTML 174Page - Microchip Technology PIC18F6X2X Datasheet HTML 175Page - Microchip Technology PIC18F6X2X Datasheet HTML 176Page - Microchip Technology PIC18F6X2X Datasheet HTML 177Page - Microchip Technology PIC18F6X2X Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 386 page
background image
PIC18F6X2X/8X2X
DS39612A-page 172
Advance Information
 2003 Microchip Technology Inc.
17.4.7.1
Auto Shutdown and Automatic
Restart
The auto shutdown feature can be configured to allow
automatic restarts of the module following a shutdown
event. This is enabled by setting the P1RSEN bit of the
ECCP1DEL register (ECCP1DEL<7>).
In Shutdown mode with PRSEN = 1 (Figure 17-10), the
ECCPASE bit will remain set for as long as the cause
of the shutdown continues. When the shutdown condi-
tion clears, the ECCP1ASE bit is cleared. If PRSEN = 0
(Figure 17-11), once a shutdown condition occurs, the
ECCP1ASE bit will remain set until it is cleared by firm-
ware. Once ECCP1ASE is cleared, the enhanced
PWM will resume at the beginning of the next PWM
period.
Independent of the P1RSEN bit setting, if the auto shut-
down source is one of the comparators, the shutdown
condition is a level. The ECCP1ASE bit cannot be
cleared as long as the cause of the shutdown persists.
The Auto Shutdown mode can be forced by writing a ‘1’
to the ECCPASE bit.
17.4.8
START-UP CONSIDERATIONS
When the ECCP module is used in the PWM mode, the
application hardware must use the proper external
pull-up and/or pull-down resistors on the PWM output
pins. When the microcontroller is released from
RESET, all of the I/O pins are in the high-impedance
state. The external circuits must keep the power switch
devices in the off state until the microcontroller drives
the I/O pins with the proper signal levels, or activates
the PWM output(s).
The CCP1M1:CCP1M0 bits (CCP1CON<1:0>) allow
the user to choose whether the PWM output signals are
active high or active low for each pair of PWM output
pins (P1A/P1C and P1B/P1D). The PWM output polar-
ities must be selected before the PWM pins are config-
ured as outputs. Changing the polarity configuration
while the PWM pins are configured as outputs is not
recommended since it may result in damage to the
application circuits.
The P1A, P1B, P1C and P1D output latches may not be
in the proper states when the PWM module is initialized.
Enabling the PWM pins for output at the same time as
the ECCP module may cause damage to the applica-
tion circuit. The ECCP module must be enabled in the
proper output mode and complete a full PWM cycle
before configuring the PWM pins as outputs. The com-
pletion of a full PWM cycle is indicated by the TMR2IF
bit being set as the second PWM period begins.
FIGURE 17-10:
PWM AUTO SHUTDOWN (PRSEN = 1, AUTO RESTART ENABLED)
FIGURE 17-11:
PWM AUTO SHUTDOWN (PRSEN = 0, AUTO RESTART DISABLED)
Note:
Writing to the ECCPASE bit is disabled
while a shutdown condition is active.
Shutdown
PWM
ECCPASE bit
Activity
Event
Shutdown
Event Occurs
Shutdown
Event Clears
PWM
Resumes
Normal PWM
Start of
PWM Period
PWM Period
Shutdown
PWM
ECCPASE bit
Activity
Event
Shutdown
Event Occurs
Shutdown
Event Clears
PWM
Resumes
Normal PWM
Start of
PWM Period
ECCPASE
Cleared by
Firmware
PWM Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com