Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6X2X Datasheet(PDF) 176 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 176 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 172Page - Microchip Technology PIC18F6X2X Datasheet HTML 173Page - Microchip Technology PIC18F6X2X Datasheet HTML 174Page - Microchip Technology PIC18F6X2X Datasheet HTML 175Page - Microchip Technology PIC18F6X2X Datasheet HTML 176Page - Microchip Technology PIC18F6X2X Datasheet HTML 177Page - Microchip Technology PIC18F6X2X Datasheet HTML 178Page - Microchip Technology PIC18F6X2X Datasheet HTML 179Page - Microchip Technology PIC18F6X2X Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 386 page
background image
PIC18F6X2X/8X2X
DS39612A-page 174
Advance Information
 2003 Microchip Technology Inc.
TABLE 17-5:
REGISTERS ASSOCIATED WITH ECCP MODULES AND TIMER1 TO TIMER4
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
RESETS
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x 0000 000u
RCON
IPEN
—
—
RI
TO
PD
POR
BOR
0--1 11qq 0--q qquu
PIR1
PSPIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000 0000 0000
PIE1
PSPIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IF
0000 0000 0000 0000
IPR1
PSPIP
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IF
1111 1111 1111 1111
PIR2
—
CMIE
—
EEIE
BCLIF
LVDIF
TMR3IF
CCP2IF
-0-0 0000 ---0 0000
PIE2
—
CMIF
—
EEIF
BCLIE
LVDIE
TMR3IE
CCP2IE
-0-0 0000 ---0 0000
IPR2
—
CMIP
—
EEIP
BCLIP
LVDIP
TMR3IP
CCP2IP
-1-1 1111 ---1 1111
PIR3
—
—
RC2IF
TX2IF
TMR4IF
CCP5IF
CCP4IF
CCP3IF
--00 0000 --00 0000
PIE3
—
—
RC2IE
TX2IE
TMR4IE
CCP5IE
CCP4IE
CCP3IE
--00 0000 --00 0000
IPR3
—
—
RC2IP
TX2IP
TMR4IP
CCP5IP
CCP4IP
CCP3IP
--11 1111 --11 1111
TRISB
PORTB Data Direction Register
1111 1111 1111 1111
TRISC
PORTC Data Direction Register
1111 1111 1111 1111
TRISE
PORTE Data Direction Register
1111 1111 1111 1111
TRISG
—
—
—
PORTG Data Direction Register
---1 1111 ---1 1111
TRISH
PORTH Data Direction Register
1111 1111 1111 1111
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
T1CON
RD16
—
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0-00 0000 u-uu uuuu
TMR2
Timer2 Module Register
0000 0000 0000 0000
T2CON
—
T2OUTPS3 T2OUTPS2 T2OUTPS1 T2OUTPS0
TMR2ON
T2CKPS1 T2CKPS0 -000 0000 -000 0000
PR2
Timer2 Period Register
1111 1111 1111 1111
TMR3L
Holding Register for the Least Significant Byte of the 16-bit TMR3 Register
xxxx xxxx uuuu uuuu
TMR3H
Holding Register for the Most Significant Byte of the 16-bit TMR3 Register
xxxx xxxx uuuu uuuu
T3CON
RD16
T3CCP2
T3CKPS1
T3CKPS0
T3CCP1
T3SYNC
TMR3CS
TMR3ON
0000 0000 uuuu uuuu
TMR4
Timer4 Module Register
0000 0000 0000 0000
T4CON
—
T4OUTPS3
T4OUTPS2 T4OUTPS1 T4OUTPS0
TMR4ON
T4CKPS1 T4CKPS0 -000 0000 -000 0000
PR4
Timer4 Period Register
1111 1111 1111 1111
CCPRxL(1)
Capture/Compare/PWM Register 1 (LSB)
xxxx xxxx uuuu uuuu
CCPRxH(1)
Capture/Compare/PWM Register 1 (MSB)
xxxx xxxx uuuu uuuu
CCPxCON(1)
PxM1
PxM0
DCxB1
DCxB0
CCPxM3
CCPxM2
CCPxM1
CCPxM0
0000 0000 0000 0000
ECCPxAS(1)
ECCPxASE ECCPxAS2 ECCPxAS1 ECCPxAS0
PSSxAC1
PSSxAC0
PSSxBD1
PSSxBD0 0000 0000 0000 0000
ECCPxDEL(1)
PxRSEN
PxDC6
PxDC5
PxDC4
PxDC3
PxDC2
PxDC1
PxDC0
0000 0000 uuuu uuuu
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used during ECCP operation.
Note
1:
Generic term for all of the identical registers of this name for all enhanced CCP modules, where ‘x’ identifies the individual
module (ECCP1, ECCP2 or ECCP3). Bit assignments and RESET values for all registers of the same generic name are
identical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com