Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6X2X Datasheet(PDF) 172 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 172 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 168Page - Microchip Technology PIC18F6X2X Datasheet HTML 169Page - Microchip Technology PIC18F6X2X Datasheet HTML 170Page - Microchip Technology PIC18F6X2X Datasheet HTML 171Page - Microchip Technology PIC18F6X2X Datasheet HTML 172Page - Microchip Technology PIC18F6X2X Datasheet HTML 173Page - Microchip Technology PIC18F6X2X Datasheet HTML 174Page - Microchip Technology PIC18F6X2X Datasheet HTML 175Page - Microchip Technology PIC18F6X2X Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 386 page
background image
PIC18F6X2X/8X2X
DS39612A-page 170
Advance Information
 2003 Microchip Technology Inc.
17.4.6
PROGRAMMABLE DEAD BAND
DELAY
In half-bridge applications where all power switches are
modulated at the PWM frequency at all times, the
power switches normally require more time to turn off
than to turn on. If both the upper and lower power
switches are switched at the same time (one turned on,
and the other turned off), both switches may be on for
a short period of time until one switch completely turns
off. During this brief interval, a very high current
(shoot-through current) may flow through both power
switches, shorting the bridge supply. To avoid this
potentially destructive shoot-through current from flow-
ing during switching, turning on either of the power
switches is normally delayed to allow the other switch
to completely turn off.
In the Half-Bridge Output mode, a digitally program-
mable
dead
band
delay
is
available
to
avoid
shoot-through current from destroying the bridge
power switches. The delay occurs at the signal transi-
tion from the non-active state to the active state. See
Figure 17-4 for illustration. The lower seven bits of the
ECCPxDEL register (Register 17-2) set the delay
period in terms of microcontroller instruction cycles
(TCY or 4 TOSC).
17.4.7
ENHANCED PWM
AUTO SHUTDOWN
When the CCP1 is programmed for any of the
enhanced PWM modes, the active output pins may be
configured for auto shutdown. Auto shutdown immedi-
ately places the enhanced PWM output pins into a
defined shutdown state when a shutdown event
occurs.
A shutdown event can be caused by either of the two
comparator modules or the INT0 pin (or any combination
of these three sources). The comparators may be used
to monitor a voltage input proportional to a current being
monitored in the bridge circuit. If the voltage exceeds a
threshold, the comparator switches state and triggers a
shutdown. Alternatively, a digital signal on the INT0 pin
can also trigger a shutdown. The auto shutdown feature
can be disabled by not selecting any auto shutdown
sources. The auto shutdown sources to be used are
selected
using
the
ECCP1AS2:ECCP1AS0
bits
(bits<6:4> of the ECCP1AS register).
When a shutdown occurs, the output pins are
asynchronously placed in their shutdown states,
specified
by
the
PSS1AC1:PSS1AC0
and
PSS1BD1:PSS1BD0 bits (ECCP1AS3:ECCP1AS0).
Each pin pair (P1A/P1C and P1B/P1D) may be set to
drive high, drive low, or be tri-stated (not driving). The
ECCP1ASE bit (ECCP1AS<7>) is also set to hold the
enhanced PWM outputs in their shutdown states.
The ECCP1ASE bit is set by hardware when a shut-
down event occurs. If automatic restarts are not
enabled, the ECCPASE bit is cleared by firmware when
the cause of the shutdown clears. If automatic restarts
are enabled, the ECCPASE bit is automatically cleared
when the cause of the auto shutdown has cleared.
If the ECCPASE bit is set when a PWM period begins,
the PWM outputs remain in their shutdown state for that
entire PWM period. When the ECCPASE bit is cleared,
the PWM outputs will return to normal operation at the
beginning of the next PWM period.
REGISTER 17-2:
ECCPxDEL: PWM CONFIGURATION REGISTER
Note:
Writing to the ECCPASE bit is disabled
while a shutdown condition is active.
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PxRSEN
PxDC6
PxDC5
PxDC4
PxDC3
PxDC2
PxDC1
PxDC0
bit 7
bit 0
bit 7
PxRSEN: PWM Restart Enable bit
1
= Upon auto shutdown, the ECCPxASE bit clears automatically once the shutdown event
goes away; the PWM restarts automatically
0
= Upon auto shutdown, ECCPxASE must be cleared in software to restart the PWM
bit 6-0
PxDC6:PxDC0: PWM Delay Count bits
Delay time, in number of FOSC/4 (4*TOSC) cycles, between the scheduled and actual time for a
PWM signal to transition to active.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com